データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • STMW-690-R

  • AI
    The **STMW-690-R** is a high-performance, weather-resistant outdoor wireless bridge/CPE (Customer Premises Equipment) typically used in point-to-point (PtP) or point-to-multipoint (PtMP) networking. It operates primarily in the 5GHz frequency band. Below is a breakdown of the electronic components and technical specifications that define this device. --- ### 1. Core Technical Specifications The performance of the STMW-690-R is driven by its internal radio architecture and antenna design. | Feature | Specification | | :--- | :--- | | **Operating Frequency** | 5.150GHz – 5.850GHz (Standard 5GHz Band) | | **Gain** | 18dBi to 23dBi (Directional High-Gain Antenna) | | **Throughput** | Up to 900Mbps (Dependent on 802.11ac protocols) | | **Transmission Range** | 3km to 10km (Line of Sight) | | **Polarization** | Dual-Linear (Horizontal & Vertical) | | **Interface** | 1x 10/100/1000 Mbps RJ45 Port | --- ### 2. Internal Electronic Architecture The device consists of several key electronic subsystems that manage signal processing and power distribution. #### A. The SoC (System on Chip) The "brain" of the unit is usually an **Atheros or MediaTek chipset** (depending on the specific revision). This chip handles: * **Modulation:** Converting data into radio waves using OFDM (Orthogonal Frequency Division Multiplexing). * **Processing:** Managing the Linux-based firmware (often AirOS or a proprietary equivalent). #### B. Power over Ethernet (PoE) Circuitry Unlike standard consumer routers, the STMW-690-R does not have a DC barrel jack. It uses **Passive PoE (usually 24V)**. * **Transformer:** Isolates the data signals from the high-voltage power lines. * **Voltage Regulator:** Steps down the 24V input to 3.3V or 5V required by the internal logic gates and CPUs. #### C. Radio Frequency (RF) Front-End * **Power Amplifiers (PA):** Boosts the transmission signal to reach long distances. * **Low Noise Amplifiers (LNA):** Increases the sensitivity of the receiver to pick up weak signals from miles away. * **Filters:** Surface Acoustic Wave (SAW) filters help eliminate noise from nearby cell towers or other Wi-Fi devices. --- ### 3. Physical & Environmental Components Because the "R" in the model name often denotes "Rugged" or "Outdoor," the electronic housing includes: * **ESD Protection:** Internal circuits are shielded against Electrostatic Discharge (up to 24KV) caused by lightning or wind friction. * **Enclosure:** IP65 or IP67 rated UV-stabilized plastic to prevent electronic degradation from sunlight and moisture. * **LED Indicators:** Built-in signal strength indicators (electronic LEDs) that allow technicians to align the antenna without a laptop. --- ### 4. Typical Application Diagram To understand how these parts interact, consider the connectivity flow: ```mermaid graph LR A[Data Source] --> B[PoE Injector] B -- Power + Data via Cat5e --> C[STMW-690-R Internal PCB] C --> D[Radio Module] D --> E[18dBi Patch Antenna] E -- Wireless Signal --> F[Remote Receiver] ```
    ✨ Follow-up Questions
    • ⤷ What is the exact power requirement for the STMW-690-R PoE injector?
    • ⤷ Can this device be flashed with OpenWrt or third-party firmware?
    • ⤷ What is the maximum beamwidth angle for the internal directional antenna?