データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • STRW-620-RTR

  • AI
    The **STR-W6253** (often referred to within the STR-W6200 series, specifically the **STR-W6253R**) is a power IC designed for **Switching Mode Power Supply (SMPS)** applications. It integrates a controller and a power MOSFET into a single package, typically used in televisions, monitors, and consumer electronics. --- ### 1. Key Internal Components The STR-W6200 series is an "All-in-One" solution containing the following electronic blocks: | Component | Function | | :--- | :--- | | **Power MOSFET** | High-voltage switching element that handles the primary current. | | **PWM Controller** | Regulates the output voltage by adjusting the pulse width. | | **Startup Circuit** | High-voltage current source that allows the IC to start without a large external resistor. | | **Protective Circuits** | Logic to shut down the device during overheating or electrical faults. | --- ### 2. Technical Specifications The "R" suffix (e.g., STR-W6253R) usually indicates specific electrical ratings or a specific lead-forming style. General specs for this series include: * **Switching Frequency:** Fixed 67 kHz (typical). * **Operating Mode:** Current Mode PWM control. * **Standby Features:** Automatically switches to "Burst Mode" during low loads to save power. * **Package Type:** TO-220F-6L (Insulated 6-pin package). --- ### 3. Integrated Protection Features This IC is highly regarded for its robust safety mechanisms, which protect the surrounding electronic parts: 1. **OCP (Overcurrent Protection):** Limits the peak current through the MOSFET on a cycle-by-cycle basis. 2. **OLP (Overload Protection):** Detects if the output is drawing too much power for an extended time and triggers a shutdown. 3. **OVP (Overvoltage Protection):** Monitors the VCC pin to ensure the power supply doesn't exceed safe voltage limits. 4. **TSD (Thermal Shutdown):** Shuts down the IC if the internal junction temperature exceeds approximately 140°C. --- ### 4. Typical Application Circuit The STR-W6200 series is designed for **Flyback Converters**. Below is a high-level representation of the pin-out functions: | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **D/ST** | Drain of the internal MOSFET / Startup input. | | 2 | **S/OCP** | Source of the MOSFET / Overcurrent protection sensing. | | 3 | **VCC** | Power supply input for the control logic. | | 4 | **GND** | Ground pin. | | 5 | **FB** | Feedback input (usually from an optocoupler). | | 6 | **FM/ELP** | Frequency modulation or External Latch Protection. | --- ### 5. Common Uses * **TV Power Boards:** Main AC-DC conversion stage. * **Set-top Boxes:** Small, efficient power modules. * **AC Adapters:** High-density power conversion for laptops or printers.
    ✨ Follow-up Questions
    • ⤷ What are the common failure symptoms of the STR-W6200 series in TV power boards?
    • ⤷ How do you test the internal MOSFET of an STR-W6253 using a multimeter?
    • ⤷ What is the difference between the 'R' and non-'R' versions of this IC?