データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SV-12-R

  • AI
    The **SV-12-R** refers to a specific series of **High-Speed Electronic Shutter Valves** or **Solenoid Valves**, most commonly associated with industrial fluid control and automation systems. Below is a breakdown of its electronic components and specifications. --- ## 1. Core Electronic Components The SV-12-R functions based on electromagnetic principles to convert electrical energy into mechanical movement. | Component | Description | | :--- | :--- | | **Solenoid Coil** | A copper wire winding that generates a magnetic field when energized. | | **Plunger (Armature)** | The moving ferromagnetic part that opens or closes the orifice. | | **Return Spring** | Ensures the valve returns to its default state (usually Closed) when power is cut. | | **Lead Wires/Connector** | Typically features 18-22 AWG wires or a DIN 43650 connector for power input. | | **Encapsulation** | Epoxy or resin molding to protect electronics from moisture and vibration. | --- ## 2. Technical Specifications While exact specs can vary by manufacturer (such as Takasago or SMC), the "12" usually denotes the voltage rating. ### Electrical Ratings * **Voltage:** 12V DC (Direct Current). * **Power Consumption:** Typically low wattage (approx. 2W to 5W) to prevent overheating during continuous duty. * **Duty Cycle:** Often rated for 100% ED (Continuous Duty). * **Response Time:** High-speed versions feature response times between **5ms to 20ms**. ### Operation Logic * **Normally Closed (NC):** The circuit is broken, and the valve is closed until 12V is applied. * **Polarity:** Most DC solenoids are not polarity sensitive unless they include an integrated LED indicator or protection diode. --- ## 3. Electronic Integration & Control To drive an SV-12-R from a microcontroller (like an Arduino) or a PLC, additional circuitry is required: ### Typical Driver Circuit Since a microcontroller cannot provide the current needed for a solenoid, a **MOSFET** or **Relay** is used. ```cpp // Example: Logic for triggering the SV-12-R int valvePin = 9; void setup() { pinMode(valvePin, OUTPUT); } void loop() { digitalWrite(valvePin, HIGH); // Valve Opens (12V applied via Transistor) delay(1000); digitalWrite(valvePin, LOW); // Valve Closes delay(1000); } ``` ### Protection Components 1. **Flyback Diode (1N4007):** Essential to prevent "Inductive Kickback." When the 12V power is cut, the collapsing magnetic field creates a high-voltage spike that can destroy control electronics. 2. **PWM Control:** Some systems use Pulse Width Modulation to reduce the voltage once the valve is held open, saving energy and reducing heat. --- ## 4. Troubleshooting Electronic Failures * **Open Circuit:** If the coil resistance measures "Infinite" on a multimeter, the internal copper winding is broken. * **Short Circuit:** If resistance is near 0 ohms, the insulation has melted, likely due to overvoltage. * **Weak Magnetic Field:** If the voltage is correct but the valve won't lift, the plunger may be stuck or the voltage supply may be sagging under load.
    ✨ Follow-up Questions
    • ⤷ What is the standard resistance value for a 12V solenoid coil like the SV-12-R?
    • ⤷ How do I wire a flyback diode to protect my circuit from this valve?
    • ⤷ Can the SV-12-R be operated with a 24V power supply using PWM?