データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SV-51-R

  • AI
    The **SV-51-R** (often associated with the *Macross* franchise or specific high-end industrial valves/actuators depending on the context) is most commonly recognized in technical circles as a high-performance **solenoid valve** or a specialized **robotic component**. Below is a technical breakdown of the electronic and electromechanical parts typically found in an SV-51-R series component. --- ### 1. Core Electronic Components The "R" suffix usually denotes a **Relay** or **Remote** control capability. The internal circuitry is designed to convert electrical signals into mechanical motion. | Component | Function | Technical Detail | | :--- | :--- | :--- | | **Solenoid Coil** | Electromagnetic Induction | Copper windings that create a magnetic field when energized. | | **Armature/Plunger** | Mechanical Actuator | Ferrous core that moves within the magnetic field to open/close the port. | | **Rectifier Bridge** | Power Conversion | (If AC powered) Converts AC input to DC for stable coil operation. | | **Surge Suppressor** | Circuit Protection | Often a Varistor (MOV) or Diode to prevent back-EMF spikes. | | **Limit Switches** | Position Feedback | Provides electronic confirmation of whether the valve is open or closed. | --- ### 2. Technical Specifications Most SV-51-R units operate under the following electronic parameters: * **Voltage Options:** Typically 24V DC (Standard for automation) or 110V/220V AC. * **Power Consumption:** Generally ranges between **5W to 12W** depending on the duty cycle. * **Duty Cycle:** Often rated for **100% ED** (Continuous Operation), meaning the electronics can remain energized indefinitely without overheating. * **Insulation Class:** Class F or H (capable of withstanding temperatures up to 155°C–180°C). --- ### 3. Wiring and Connection Interface The electronic interface usually follows industrial standards to ensure EMI (Electromagnetic Interference) shielding: 1. **Lead Wires:** Typically UL-rated heat-resistant wires. 2. **DIN Connector:** A 3-pin or 4-pin square connector (ISO 4400) used for quick disconnect and environmental sealing (IP65/67). 3. **LED Indicator:** Many "R" models include a small LED integrated into the transparent plug to show the "Power On" status visually. --- ### 4. Control Logic The SV-51-R is usually controlled via: * **PLC (Programmable Logic Controller):** Using a digital output module. * **Microcontrollers:** Using a MOSFET or Relay driver (since the current draw is too high for direct GPIO pins). ---
    ✨ Follow-up Questions
    • ⤷ What is the specific voltage requirement for the SV-51-R model you are using?
    • ⤷ Does your version of the SV-51-R require an explosion-proof (ATEX) electronic housing?
    • ⤷ Are you looking for the internal circuit diagram of the solenoid coil?