データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SV-AC-R

  • AI
    Based on technical specifications for industrial automation and motion control, the **SV-AC-R** typically refers to a high-performance **AC Servo System** (specifically the drive or controller component). Below is a breakdown of its electronic components and architecture. --- ### 1. Core Electronic Components The system is built around several key power and logic stages: | Component | Description | Function | | :--- | :--- | :--- | | **IPM (Intelligent Power Module)** | High-speed IGBT transistors | Switches the DC bus voltage to create a 3-phase AC output for the motor. | | **DSP (Digital Signal Processor)** | High-speed 32-bit microprocessor | Handles PID control loops, trajectory planning, and communication. | | **Encoder Interface** | Differential or Serial Input | Processes feedback signals from the motor to monitor position and speed. | | **Rectifier Bridge** | Diode/Thyristor array | Converts incoming AC mains power into DC voltage. | | **Braking Resistor Port** | Power dissipation circuit | Discharges regenerative energy produced during rapid deceleration. | --- ### 2. Functional Architecture The electronics of the SV-AC-R are generally divided into three distinct circuits: #### A. Power Circuit * **Input Filter:** Reduces Electromagnetic Interference (EMI) from the power grid. * **Bus Capacitor Bank:** Smoothes the rectified DC voltage and stores energy for peak demands. * **Inverter Stage:** Uses Pulse Width Modulation (PWM) to control the frequency and voltage sent to the motor. #### B. Control & Logic Circuit * **Optoisolators:** Protect the internal logic from high-voltage spikes by isolating the I/O signals. * **Logic Power Supply:** A Step-down DC-DC converter that provides +5V, +12V, or +24V to the internal chips. * **EEPROM:** Stores user-defined parameters, error logs, and tuning constants. #### C. Communication & I/O * **Pulse/Dir Interface:** For traditional CNC or PLC control. * **Analog Inputs:** Typically 0-10V for torque or speed override. * **Fieldbus (Optional):** Supports protocols like EtherCAT, Modbus, or CANopen for networked automation. --- ### 3. Technical Specifications (General Overview) While specific models vary, the "R" suffix often denotes "Regenerative" capabilities or "Rack" mounting. ```yaml Drive_Type: AC Brushless Servo Input_Voltage: 1-Phase/3-Phase 220V AC Feedback_Type: 17-bit/23-bit Absolute or Incremental Encoder Control_Mode: Position, Speed, Torque, and Mixed Mode Protection_Features: - Overcurrent / Overvoltage - Under-voltage - Overheating (Heat sink thermistor) - Encoder Failure detection ``` --- ### 4. Cooling and Housing * **Heat Sink:** Extruded aluminum backplate to dissipate heat from the IPM. * **Cooling Fan:** Temperature-controlled fan to ensure the electronics stay within the 0-55°C operating range. * **EMC Shielding:** The metal casing acts as a Faraday cage to prevent radio frequency interference.
    ✨ Follow-up Questions
    • ⤷What is the difference between the SV-AC-R and standard SV-AC drives?
    • ⤷ How do I wire the regenerative resistor to the SV-AC-R?
    • ⤷ Which communication protocols are compatible with the SV-AC-R system?