データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SVB-08W-R

  • AI
    The **SVB-08W-R** is a specific electronic component typically categorized as a **Surface Mount (SMD) Magnetic Transducer** or **Buzzer**. These components are widely used in consumer electronics, automotive alerts, and industrial equipment to provide audible feedback. --- ## 1. Technical Specifications The following table highlights the typical electrical and physical parameters for the SVB-08W-R series: | Parameter | Specification (Typical) | | :--- | :--- | | **Rated Voltage** | 3.0 Vp-p | | **Operating Voltage** | 2.0 ~ 4.0 Vp-p | | **Current Consumption** | Max 100 mA | | **Sound Pressure Level (SPL)** | Min 85 dB (at 10cm) | | **Resonant Frequency** | 2700 Hz | | **Coil Resistance** | 12 ± 3 Ω | | **Operating Temperature** | -30°C to +70°C | | **Mounting Type** | Surface Mount (SMD) | --- ## 2. Key Internal Components The SVB-08W-R operates on the principle of electromagnetism. Internally, it consists of several critical parts: ### A. Magnetic Coil A fine copper wire wound around a core. When an oscillating electrical signal passes through this coil, it generates a fluctuating magnetic field. ### B. Permanent Magnet A stationary magnet that interacts with the magnetic field produced by the coil. This interaction creates the physical force necessary to move the diaphragm. ### C. Diaphragm (Vibrating Plate) A thin metal disk (usually iron or a magnetic alloy) that vibrates back and forth rapidly. This vibration moves the surrounding air, creating sound waves. ### D. Housing/Case The outer shell (usually made of LCP or high-temperature plastic) designed to withstand the heat of **reflow soldering** processes on a PCB. --- ## 3. Implementation and Circuitry Because this is a **transducer** (not a self-driven indicator), it requires an external oscillating circuit (PWM signal) to function. ```cpp // Example Arduino-style logic to drive a 2700Hz signal void setup() { pinMode(BUZZER_PIN, OUTPUT); } void loop() { tone(BUZZER_PIN, 2700); // Generate frequency for SVB-08W-R delay(500); noTone(BUZZER_PIN); delay(500); } ``` ### Driving Considerations: * **Transistor Switching:** Since the current draw can reach 100mA, it should be driven via an NPN transistor or MOSFET rather than directly from a microcontroller pin. * **Flyback Diode:** It is recommended to place a diode in parallel with the buzzer to protect the circuit from inductive voltage spikes. --- ## 4. Common Applications * **Mobile Devices:** Haptic feedback or ringtone alerts. * **Appliances:** End-of-cycle beeps for microwaves or washing machines. * **Medical Instruments:** Low-battery or error notifications. * **Automotive:** Dashboard alerts and turn signal clicking sounds.
    ✨ Follow-up Questions
    • ⤷ What is the difference between an indicator and a transducer like the SVB-08W-R?
    • ⤷ Can this component be used for music playback or just simple tones?
    • ⤷ What are the specific soldering temperature limits for this SMD part?