データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SVB-10-R/CE

  • AI
    The **SVB-10-R/CE** is a high-performance safety valve/solenoid valve typically manufactured by companies like **YUKEN** (or specialized hydraulic/pneumatic manufacturers). It is designed for high-pressure systems where directional control and safety are paramount. Below is an explanation of its electronic components and technical specifications. --- ### 1. Component Overview The SVB-10-R/CE is an **electro-hydraulic** or **electromagnetic** relief/safety valve. It uses electrical signals to actuate mechanical fluid control. | Feature | Specification / Detail | | :--- | :--- | | **Component Type** | Solenoid Controlled Safety Relief Valve | | **Size** | 10 (Standard nominal size for flow capacity) | | **Control Method** | Electronic Solenoid Actuation | | **Safety Compliance** | CE (European Conformity) Certified | | **Action Type** | R (Remote Control / Relief Type) | --- ### 2. Key Electronic Parts The electronic functionality of the SVB-10-R/CE revolves around the conversion of electrical energy into mechanical movement via the following parts: #### A. Solenoid Coil The heart of the electronic system. When energized, it creates a magnetic field that pulls an internal plunger (armature). * **Voltage Options:** Usually available in 24V DC, 110V AC, or 220V AC. * **Duty Cycle:** Designed for 100% continuous duty (can stay energized without overheating). #### B. DIN Connector (Plug) Most SVB models use a standard **DIN 43650** connector. * **Function:** Provides the interface between the machine's PLC (Programmable Logic Controller) and the valve. * **LED Indicator:** Many "CE" versions include an integrated LED within the transparent plug to show when the solenoid is receiving power. #### C. Manual Override While mechanical, this part interacts with the electronic solenoid. It allows the user to manually actuate the valve if the electronic signal fails during maintenance or testing. --- ### 3. Electronic Control Logic The "CE" designation implies specific electronic safety standards are met, including: 1. **EMC Compatibility:** The valve's electronics do not interfere with other nearby sensors or controllers. 2. **Low Voltage Directive:** Ensures insulation and wiring are safe for industrial environments. 3. **Surge Protection:** Most modern versions include a diode or varistor to prevent back-EMF (voltage spikes) from damaging the controlling PLC when the coil is de-energized. --- ### 4. Typical Wiring Example In a standard 24V DC configuration, the wiring is as follows: ```json { "Pin 1": "Positive (+24V DC)", "Pin 2": "Negative (0V / Ground)", "Pin 3": "Earth Ground (Safety PE)", "Housing": "Shielded to prevent EMI" } ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the maximum pressure and flow rate specifications for the SVB-10-R?
    • ⤷ How do I troubleshoot a solenoid coil failure in this valve?
    • ⤷ What is the difference between the R and the G versions of this valve series?