データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SVB-16A-R

  • AI
    The **SVB-16A-R** is a specific electronic component typically categorized as a **Safety Relay** or a **Power Relay**, often associated with industrial automation and control systems (frequently manufactured by brands like IDEC or similar industrial specialists). Below is a detailed breakdown of its technical characteristics and internal parts. --- ## 1. Technical Specifications The "16A" in the model name usually denotes its maximum switching current capability. | Parameter | Description | | :--- | :--- | | **Contact Form** | SPST (Single Pole Single Throw) or SPDT | | **Rated Load** | 16 Amperes at 250V AC / 30V DC | | **Coil Voltage** | Typically 12V DC or 24V DC (Model dependent) | | **Mounting Type** | PCB Mount (Through-hole) or Socket Mount | | **Contact Material** | Silver Alloy (AgNi or AgSnO2) for high durability | --- ## 2. Internal Electronic Components The relay functions as an electromechanical switch. Its operation relies on the following internal parts: ### A. The Electromagnetic Coil * **Function:** Converts electrical energy into a magnetic field. * **Composition:** Fine copper wire wound around a core. When current flows, it creates a magnetic pull to move the armature. ### B. The Armature & Spring Mechanism * **Armature:** A moving metal piece attracted by the coil's magnetic field. * **Return Spring:** Ensures that when power is removed, the contacts return to their "Normal" state (Open or Closed). ### C. Electrical Contacts * **Stationary & Moving Contacts:** These are the points that actually carry the 16A load. * **Coating:** Often plated with silver tin oxide to prevent "pitting" or welding caused by electrical arcing during high-current switching. ### D. The Yoke and Core * **Material:** Soft iron. * **Purpose:** To provide a low-reluctance path for the magnetic flux, maximizing the efficiency of the coil. --- ## 3. Connection Diagram (Standard Layout) Most 16A relays of this footprint follow a standard pinout configuration: ```text [Coil Pin 1] ---- ( ) ---- [Coil Pin 2] | [COM] -----------/ \----------- [NO] (Normally Open) | [NC] (Normally Closed - if SPDT) ``` --- ## 4. Key Application Use Cases * **HVAC Systems:** Controlling compressors or fan motors. * **Industrial Machines:** Acting as an interface between low-power PLC outputs and high-power actuators. * **Safety Circuits:** Used in emergency stop sequences due to its high reliability and insulation properties.
    ✨ Follow-up Questions
    • ⤷ What is the exact coil voltage required for the SVB-16A-R variant you are using?
    • ⤷ Does this relay require a flyback diode for circuit protection?
    • ⤷ Are you looking for a replacement equivalent for this specific part number?