データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SVB-20-R

  • AI
    The **SVB-20-R** is a specific electronic component typically categorized as a **Surface Mount Varistor (MOV)** or a specialized **Protective Device** used for surge suppression. These parts are designed to protect sensitive electronic circuits from voltage transients and electrostatic discharge (ESD). ### 1. Technical Specifications The "20" in the part number often refers to the maximum peak current or a specific voltage rating, while the "R" generally indicates "RoHS Compliance" or "Reel" packaging. | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Metal Oxide Varistor (MOV) / Multilayer Varistor (MLV) | | **Mounting Type** | Surface Mount Device (SMD) | | **Response Time** | < 1 Nanosecond | | **Operating Temperature** | -40°C to +125°C | | **Voltage Rating** | Dependent on specific series (usually 18-24V DC for '20' series) | --- ### 2. Key Electronic Functions The SVB-20-R functions as a non-linear variable resistor. Its behavior changes based on the voltage applied across its terminals: * **Normal Operation (High Impedance):** At standard operating voltages, the part acts as an open circuit (high resistance), drawing negligible leakage current. * **Transient Event (Low Impedance):** When a voltage spike (like a lightning surge or switching spike) exceeds the clamping voltage, the device's resistance drops rapidly. * **Energy Dissipation:** It shunts the excess current to ground, protecting downstream components (like Microcontrollers or ICs) from overvoltage failure. --- ### 3. Physical Construction and Materials The "Electronic Parts" within the SVB-20-R consist of several layers: 1. **Zinc Oxide (ZnO) Grains:** The primary semiconducting material that provides the varistor effect. 2. **Internal Electrodes:** Metal layers (often Silver or Palladium) that distribute the current. 3. **Termination:** End caps (usually Tin-plated) for soldering onto a Printed Circuit Board (PCB). --- ### 4. Typical Applications This component is commonly found in the following electronic environments: * **USB Port Protection:** Safeguarding data lines from ESD when cables are plugged in. * **Power Supplies:** Suppressing noise and spikes in DC-DC converters. * **Automotive Electronics:** Protecting sensors and control units from "load dump" transients. * **Consumer Electronics:** Used in smartphones, laptops, and tablets for circuit longevity.
    ✨ Follow-up Questions
    • ⤷What is the maximum clamping voltage for the SVB-20-R?
    • ⤷ How does the SVB-20-R compare to a TVS diode for surge protection?
    • ⤷ What is the recommended PCB footprint for this SMD component?