データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SVB-28W-R/E

  • AI
    The **SVB-28W-R/E** is a specific model of an electronic buzzer/sounder, typically used in industrial automation, control panels, and alarm systems. It is characterized by its high decibel output and robust environmental protection. --- ### Technical Specifications The following table outlines the primary electronic and physical characteristics of the SVB-28W-R/E: | Feature | Specification | | :--- | :--- | | **Model Type** | Electronic Signal Buzzer / Alarm | | **Operating Voltage** | Typically 12V - 24V DC (Model dependent) | | **Current Consumption** | ~30mA to 50mA | | **Sound Pressure Level** | ~90dB to 100dB at 1 meter | | **Tone Type** | Continuous or Intermittent (Wire dependent) | | **Color** | Red (R) | | **Mounting Style** | Panel Mount (E - Extended/External type) | | **Protection Rating** | IP65 (Dust tight, protected against water jets) | --- ### Key Electronic Components The internal architecture of the SVB-28W-R/E consists of several critical parts that facilitate sound generation: 1. **Piezoelectric Diaphragm:** The core component that converts electrical energy into mechanical vibrations. When an oscillating voltage is applied, the ceramic element expands and contracts, creating sound waves. 2. **Oscillator Circuit:** An internal PCB contains a transistor-based oscillator (often a multivibrator circuit) that generates the specific frequency (usually around 2.5kHz - 3kHz) required to drive the piezo element. 3. **Reverse Polarity Protection:** Industrial buzzers often include a diode in series with the input to prevent the internal electronics from burning out if the positive and negative wires are swapped during installation. 4. **Housing (Red ABS):** The "R" in the model name indicates the Red housing. It is made of flame-retardant ABS plastic, designed to withstand industrial environments and provide resonance for the sound. ### Wiring and Installation * **Positive (+) Terminal:** Usually connected to a PLC output or a manual switch. * **Negative (-) Terminal:** Connected to the common ground (0V). * **E-Type Mounting:** The "E" suffix often refers to the mounting configuration, allowing it to be secured through a standard 22mm or 30mm knockout hole in a control cabinet. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact maximum operating voltage for the SVB-28W-R/E?
    • ⤷ Can the tone frequency be adjusted manually on this model?
    • ⤷ What is the difference between the 'R/E' and 'B/E' versions?