データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SVB-29-R

  • AI
    The **SVB-29-R** is a specific electronic component often categorized within industrial control systems, specifically serving as a **Vertical Float Level Switch** or a **Magnetic Proximity Switch**, depending on the manufacturer (commonly associated with brands like FineTek or specialized industrial automation suppliers). Below is a detailed breakdown of its electronic characteristics and specifications. ### 1. Technical Specifications The SVB-29-R is designed to monitor liquid levels or positions by using a magnetic reed switch mechanism. | Feature | Specification (Typical) | | :--- | :--- | | **Switch Type** | Reed Switch (SPST or SPDT) | | **Contact Form** | Form A (Normally Open) or Form B (Normally Closed) | | **Max Switching Voltage** | 250V AC / 200V DC | | **Max Switching Current** | 0.5A to 1.5A | | **Contact Rating** | 50W / 70VA | | **Material** | SUS304 or SUS316 Stainless Steel | | **Operating Temperature** | -20°C to +120°C | --- ### 2. Internal Electronic Structure The device operates on the principle of **magnetic induction**. It does not require a complex integrated circuit; instead, it relies on passive electromechanical components: * **The Reed Switch:** Encapsulated in a glass tube filled with inert gas. The "R" in the model often signifies the specific Reed configuration. * **The Magnetic Float:** A ring-shaped magnet inside a float moves along the stem. When it reaches the position of the reed switch, the magnetic field causes the internal metal blades to touch (closing the circuit) or separate (opening the circuit). * **Protection Circuitry:** In many industrial applications, the SVB-29-R is paired with an external resistor or a varistor to prevent arcing when switching inductive loads. --- ### 3. Connection and Wiring The wiring typically involves a 2-wire or 3-wire lead system. ```mermaid graph LR A[Power Source] --> B[SVB-29-R Switch] B --> C[Relay/PLC Input] C --> D[Ground/Neutral] ``` ### 4. Key Application Use-Cases * **High/Low Level Alarms:** Used in tanks to prevent overflow or dry-running of pumps. * **Industrial Automation:** Acts as a limit switch for hydraulic machinery. * **HVAC Systems:** Monitoring condensate levels. --- ### 5. Maintenance and Troubleshooting 1. **Continuity Test:** Use a multimeter in "Continuity" mode. Move the float manually; the meter should beep when the magnet aligns with the internal sensor. 2. **Contact Pitting:** If the switch is used to drive a high-power motor directly without a relay, the contacts may weld shut. Always use an intermediate relay. 3. **Debris Check:** Ensure no metallic particles are stuck to the magnetic float, as this interferes with the switching logic.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the SVB-29-R and the SVB-29-S models?
    • ⤷ How do I wire this switch to a 24V PLC input?
    • ⤷ What are the maximum pressure ratings for the SVB-29-R housing?