データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SVB-3D-R/Q

  • AI
    The **SVB-3D-R/Q** series refers to high-performance industrial vision controllers, often utilized in automated optical inspection (AOI) and 3D vision systems. These units are essentially specialized industrial PCs (IPCs) optimized for processing massive amounts of image data in real-time. ### Core Electronic Component Groups The internal architecture of the SVB-3D-R/Q is divided into several functional blocks: | Component Category | Description | Key Parts/Functions | | :--- | :--- | :--- | | **Processing Unit** | The brain of the system. | High-end Intel Core or Xeon processors (multi-core for parallel image processing). | | **Memory (RAM)** | Temporary data storage for image buffers. | DDR4/DDR5 ECC RAM modules (typically 16GB to 64GB). | | **Vision Interface** | Connectivity for high-speed cameras. | PoE (Power over Ethernet) GigE ports or USB 3.0/3.1 controllers. | | **Storage** | Data and OS management. | Industrial-grade NVMe SSDs for fast write speeds and vibration resistance. | | **I/O & Control** | Communication with the PLC/Robot. | Isolated Digital I/O, RS232/485, and often an FPGA for trigger timing. | | **Power Supply** | Internal voltage regulation. | DC-to-DC converters (usually 12V-24V input) with surge protection. | --- ### Key Technical Specifications The "R" and "Q" designations usually refer to specific hardware revisions or sub-models within the series (e.g., Rackmount vs. Quadrant/Compact). #### 1. The Motherboard & Chipset The system utilizes an industrial-grade motherboard designed for **24/7 operation**. Unlike consumer boards, these use long-life capacitors and high-quality heat sinks to prevent thermal throttling during heavy 3D point-cloud calculations. #### 2. Camera Triggering Logic (FPGA) A critical electronic part of the SVB-3D series is the integrated **FPGA (Field Programmable Gate Array)**. This handles: * **Hardware Triggering:** Synchronizing the camera shutter with external sensors. * **Encoder Input:** Matching image capture to the speed of a conveyor belt. #### 3. Thermal Management Since these units often operate in sealed environments, the electronic layout emphasizes: * **Heat Pipes:** Transferring heat from the CPU to the outer aluminum chassis. * **Fanless Design:** Many versions use the outer casing as a giant heat sink to prevent dust intake. --- ### Connectivity Layout Below is a typical electronic port mapping for the SVB-3D-R/Q: ```text [ Power Input: 24V DC ] -> [ Internal Filter ] -> [ CPU / RAM / SSD ] | V [ External Ports ] <---------- [ Controller Logic ] | +-- GigE/PoE (Camera Data) +-- GPIO (Trigger/Alarm) +-- HDMI/DP (Display) +-- USB 3.0 (Peripheral) ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the R and Q variants of this controller?
    • ⤷ Does the SVB-3D-R/Q support GPU acceleration for AI-based vision tasks?
    • ⤷ What is the recommended input voltage and power consumption for this unit?