データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SVB-3F-R

  • AI
    The **SVB-3F-R** is a specific electronic component typically identified as a **Miniature Snap-Action Micro Switch** or a specialized relay/interlock component depending on the specific manufacturer (commonly associated with Sunmulon or similar industrial control brands). Below is a breakdown of its technical characteristics and electronic architecture. ### 1. Key Technical Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Snap-action Micro Switch / Pushbutton Accessory | | **Contact Configuration** | Single Pole Double Throw (SPDT) | | **Current Rating** | Typically 3A to 5A at 125/250VAC | | **Termination Style** | Solder terminals or Quick Connect | | **Actuator Type** | Pin Plunger / Lever (Standard) | | **RoHS Compliance** | Yes (indicated by the "-R" suffix) | --- ### 2. Internal Electronic Structure The "3F" designation often refers to the internal mechanical and electrical arrangement: * **Switching Mechanism:** It utilizes a "snap-action" spring. This ensures that the transition between the **Normally Closed (NC)** and **Normally Open (NO)** contacts occurs at a specific speed, regardless of how fast the physical actuator is pressed. * **Contact Material:** High-quality silver or gold-plated alloys are used to reduce contact resistance and prevent oxidation over long periods of use. * **Insulation:** The housing is usually made of a thermosetting plastic (like Phenolic) or high-temp thermoplastic to withstand electrical heat and prevent arcing. --- ### 3. Pinout Configuration In a standard SVB-series SPDT configuration, the electronic pins are mapped as follows: | Pin Label | Function | Description | | :--- | :--- | :--- | | **COM** | Common | The main input terminal for the circuit. | | **NC** | Normally Closed | Path is connected to COM when the switch is idle. | | **NO** | Normally Open | Path is connected to COM only when the switch is pressed. | --- ### 4. Typical Applications * **Safety Interlocks:** Detecting if a door or panel is open/closed in industrial machinery. * **Limit Switching:** Used in CNC machines or 3D printers to define the physical boundaries of movement. * **Control Panels:** As the underlying switching element for high-tactile pushbutton assemblies.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the SVB-3F-R?
    • ⤷ How does the '-R' suffix specifically affect the electrical properties?
    • ⤷ Can this switch be used for DC load applications?