データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SVB-4WC-R/CE

  • AI
    The **SVB-4WC-R/CE** is a specialized electronic control component, typically identified as a **Solenoid Valve Driver** or **Power Supply Module** used in industrial automation, specifically within hydraulic or pneumatic systems (often associated with brands like Daikin or similar industrial electronics manufacturers). Below is a breakdown of its electronic characteristics and technical specifications. --- ### 1. Technical Specifications The following table outlines the core electrical parameters typical for this class of device: | Feature | Specification | | :--- | :--- | | **Model Type** | Solenoid Valve Controller / Driver | | **Input Voltage** | 24V DC (Standard Industrial) | | **Output Type** | PWM (Pulse Width Modulation) | | **Control Signal** | 0-10V DC or 4-20mA (Analog) | | **Mounting Style** | DIN Rail or Panel Mount | | **Certification** | CE (European Conformity) | --- ### 2. Key Electronic Components & Functionality The SVB-4WC-R/CE functions as an interface between a high-level controller (like a PLC) and a physical solenoid valve. #### A. Power Regulation Circuitry * **Voltage Stabilization:** Internal regulators convert the 24V DC input into stable logic-level voltages for the internal microprocessor. * **Protection:** Includes reverse polarity protection and over-current fuses to prevent damage during wiring errors. #### B. PWM Control Stage Unlike a simple switch, this device uses **Pulse Width Modulation (PWM)**. * **Purpose:** It varies the "on-time" of the electricity sent to the valve coil. * **Benefit:** This allows for proportional control of the valve, meaning the valve can be opened 20%, 50%, or 100% rather than just being fully On or Off. #### C. Feedback Loop The "R" in the suffix often denotes **Current Feedback**. * The electronics monitor the actual current flowing through the solenoid coil. * If the coil heats up (which increases resistance), the driver automatically adjusts the voltage to maintain a constant current, ensuring consistent valve performance. #### D. CE Compliance Features The **CE** marking indicates specific electronic filtering: * **EMC Filters:** Capacitors and inductors designed to suppress Electromagnetic Interference. * **Surge Suppression:** Varistors (MOVs) to protect against voltage spikes from the inductive load of the solenoid coil. --- ### 3. Connection Interface Typical pin-out configuration for these modules: 1. **V+ / V-**: Power supply input (24V DC). 2. **SIG / COM**: Analog input signal from the PLC/Potentiometer. 3. **OUT+ / OUT-**: Output terminals connected directly to the Solenoid Coil. 4. **ADJ (Potentiometers)**: Small onboard trim-pots for setting "Gain" (Max flow) and "Bias" (Start-up flow). ---
    ✨ Follow-up Questions
    • ⤷ How do you calibrate the Gain and Bias settings on this driver?
    • ⤷ What are the common failure symptoms of the SVB-4WC-R driver?
    • ⤷ Can this driver be used with AC solenoid valves?