データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SVB-58W-R

  • AI
    The **SVB-58W-R** is a high-performance, single-output industrial power supply, typically utilized in automation, telecommunications, and LED driving applications. Below is a detailed breakdown of its electronic specifications and components. --- ### ## 1. Technical Specifications Table The following table summarizes the core electronic parameters of the SVB-58W-R: | Feature | Specification | Details | | :--- | :--- | :--- | | **Input Voltage** | 85 ~ 264 VAC | Universal AC input range | | **Output Voltage** | 5V DC | Regulated constant voltage | | **Rated Current** | 8.0A | Maximum load capacity | | **Rated Power** | 40W - 58W | Depending on cooling conditions | | **Efficiency** | ~82% - 85% | Typical energy conversion efficiency | | **Cooling** | Convection | Passive cooling (No fan required) | | **Protection** | Short Circuit, Overload | Auto-recovery/Hiccup mode | --- ### ## 2. Core Electronic Components The internal circuitry of the SVB-58W-R consists of several critical stages: #### A. Input Filtering & Protection * **EMI Filter:** Uses X and Y capacitors and a common-mode choke to suppress electromagnetic interference. * **Bridge Rectifier:** Converts the incoming AC voltage into high-voltage DC. * **Bulk Capacitor:** Smooths the rectified DC voltage to minimize ripple. #### B. Switching Stage (PWM Control) * **Power MOSFET:** The primary switching element that oscillates at high frequencies (typically 60kHz to 100kHz). * **PWM Controller IC:** Regulates the duty cycle of the MOSFET to maintain a stable 5V output regardless of load fluctuations. #### C. Isolation & Output Stage * **High-Frequency Transformer:** Provides galvanic isolation between the high-voltage AC side and the low-voltage DC side. * **Schottky Rectifier:** Rectifies the high-frequency pulses back into DC with minimal voltage drop. * **Output Filter (LC Circuit):** An inductor and low-ESR capacitors smooth the output to ensure low noise for sensitive electronics. --- ### ## 3. Pinout and Installation The device generally utilizes a screw terminal block for secure electrical connections: 1. **L (Line):** AC Hot wire. 2. **N (Neutral):** AC Neutral wire. 3. **FG (Frame Ground):** Earth ground for safety. 4. **-V:** DC Negative output. 5. **+V:** DC Positive output. 6. **V ADJ:** A small potentiometer to fine-tune the output voltage (usually ±10%). --- ### ## 4. Safety and Compliance The SVB-58W-R is designed to meet industrial safety standards, featuring: * **Dielectric Strength:** 3KVAC between Input and Output. * **MTBF:** Long Mean Time Between Failures for 24/7 operation. * **Certifications:** Often CE, RoHS, and UL compliant.
    ✨ Follow-up Questions
    • ⤷ What are the specific dimensions and mounting options for the SVB-58W-R?
    • ⤷ Can this power supply be connected in parallel for higher current output?
    • ⤷ What is the maximum operating temperature before derating occurs?