データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SVB-58W-R/E

  • AI
    The **SVB-58W-R/E** is a specific model of an **Explosion-Proof LED Visual/Audible Alarm** (often categorized under Signaling Devices). These units are typically designed for hazardous environments where both visual flashes and audible sirens are required to alert personnel of danger or status changes. --- ### 1. Key Electronic Components & Specifications The internal electronics of the SVB-58W-R/E are engineered for durability and compliance with safety standards (like ATEX or IECEx). | Component | Specification/Description | | :--- | :--- | | **Light Source** | High-intensity LED (Red color, denoted by "-R") | | **Audible Output** | Electronic Siren/Buzzer (Integrated) | | **Operating Voltage** | Typically 110V/220V AC or 24V DC (Model dependent) | | **Sound Pressure** | Approximately 90dB to 105dB at 1 meter | | **Power Consumption** | Low power draw (approx. 5W - 15W depending on mode) | | **Ingress Protection** | IP66 (Dust-tight and protected against heavy seas) | --- ### 2. Detailed Technical Breakdown #### A. The LED Driver Circuitry Unlike traditional xenon strobes, this unit uses **LED technology**. * **Constant Current Driver:** Ensures the LEDs maintain consistent brightness despite voltage fluctuations in industrial power grids. * **Flash Controller:** An integrated circuit (IC) that manages the flash rate (usually 60–80 flashes per minute). #### B. The Audible Module * **Piezoelectric or Electromagnetic Transducer:** Converts electrical signals into high-frequency sound waves. * **Tone Generator:** Some versions allow for internal DIP switch adjustments to change the siren tone (e.g., wail, yelp, or steady). #### C. Enclosure Electronics * **Flame-proof Housing:** The "E" in the suffix often refers to its certification for **Ex d** (Flameproof) or **Ex e** (Increased Safety). * **Terminals:** Internal heavy-duty screw terminals for secure wiring in high-vibration environments. --- ### 3. Wiring Example (General Logic) Most industrial signaling units use a simple parallel wiring schema. Below is a conceptual representation: ```mermaid graph LR Power_Source --> Terminal_L(L/+) Power_Source --> Terminal_N(N/-) Terminal_L --> LED_Driver Terminal_L --> Siren_Module LED_Driver --> LED_Array Siren_Module --> Speaker/Buzzer ``` ### 4. Typical Applications * **Oil & Gas Refineries:** Warning for gas leaks. * **Chemical Plants:** Status indication for high-pressure vessels. * **Marine/Offshore:** General emergency alarms on decks. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the -R and -E designations in the model number?
    • ⤷ Can the sound volume of the SVB-58W be adjusted manually?
    • ⤷ What are the specific ATEX/IECEx certification zones for this device?