データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SVB-5DW-R

  • AI
    ## Overview of SVB-5DW-R The **SVB-5DW-R** is a high-performance, isolated DC-DC converter module, typically used in industrial and telecommunications applications. It belongs to a family of compact, regulated power supplies designed to convert a wide range of input voltages into a stable, isolated output. --- ### Key Technical Specifications Below are the primary electronic characteristics of the SVB-5DW-R: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 9V to 36V DC (4:1 Wide Input Range) | | **Output Voltage** | 5V DC | | **Output Power** | 5 Watts | | **Isolation Voltage** | 1500V DC (Input to Output) | | **Package Style** | DIP (Dual In-line Package) or SIP | | **Efficiency** | Typically 80% - 85% | | **Operating Temperature** | -40°C to +85°C | --- ### Internal Electronic Components & Design The internal architecture of this module consists of several critical stages: #### 1. Input Filtering (EMI Suppression) The input stage contains capacitors and inductors (often an internal Pi-filter) to minimize reflected ripple current and protect the device from electromagnetic interference (EMI). #### 2. Switching Regulator (PWM Controller) The core of the device is a Pulse Width Modulation (PWM) controller. It switches the input DC into high-frequency AC, which allows for the use of a very small transformer to achieve voltage transformation and isolation. #### 3. Isolation Barrier A high-frequency transformer provides galvanic isolation between the input and output circuits. This protects downstream sensitive components from high-voltage surges or ground loops. #### 4. Rectification and Smoothing * **Schottky Diodes:** Used for high-speed rectification of the AC signal back into DC. * **Filter Capacitors:** Low ESR (Equivalent Series Resistance) capacitors smooth the output voltage to ensure low noise and ripple. #### 5. Feedback Loop (Optocoupler) To maintain a steady 5V output despite changes in input voltage or load, the device uses an **optocoupler**. This component sends a feedback signal across the isolation barrier to the PWM controller without making electrical contact. --- ### Protection Features * **Short Circuit Protection (SCP):** Continuous, self-recovering protection against output shorts. * **Overload Protection:** Prevents damage if the load exceeds the 5W rating. * **Under-Voltage Lockout:** Ensures the device shuts down safely if the input voltage drops below the functional threshold. --- ### Typical Application Circuit ```c [+Vin] ---------------- (1) (8) ---------------- [+Vout] (9-36V) SVB-5DW-R (2) (7) Load (5V) [-Vin] ---------------- (3) (6) ---------------- [-Vout] ``` *Note: Depending on the specific manufacturer (like Aimtec or Mornsun), pin configurations may vary slightly; always consult the specific datasheet for pinout diagrams.*
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the SVB-5DW-R?
    • ⤷ How does the 4:1 input range compare to standard 2:1 DC-DC converters?
    • ⤷ What external capacitors are recommended for reducing output ripple in this module?