データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SVB-A18W-R

  • AI
    The **SVB-A18W-R** is an industrial-grade **LED Warning Beacon** (Signaling Light), typically used for machinery, automated systems, and security applications. It is designed for high visibility and durability in harsh environments. --- ### 1. Key Technical Specifications Below are the electronic and physical characteristics typical of the SVB-A18W-R series: | Parameter | Specification | | :--- | :--- | | **Light Source** | High-intensity LED | | **Operating Voltage** | AC 110V/220V or DC 12V/24V (Model dependent) | | **Power Consumption** | Approximately 2W - 5W | | **Illumination Mode** | Rotating (Simulated via sequential LED firing) | | **Color** | Red (R designation) | | **Protection Rating** | IP54 / IP65 (Dust and Water Splash resistant) | | **Material** | ABS Base, Polycarbonate (PC) Lens | --- ### 2. Electronic Component Breakdown The internal circuitry of the SVB-A18W-R consists of several functional modules: #### A. LED Array Module Unlike traditional rotating beacons that use a motor and a bulb, the "W" (Rotating) variant of this model usually employs a **Circular LED Array**. - **Solid State:** No moving parts, which increases the lifespan significantly. - **Microcontroller Controlled:** A small integrated circuit (IC) sequences the LEDs to turn on and off in a pattern that mimics a physical spinning reflector. #### B. Power Conversion (Buck/Rectifier Circuit) - **Rectification:** If the model is AC-rated, it contains a bridge rectifier to convert AC to DC. - **Voltage Regulation:** A step-down transformer or a switching regulator ensures the LEDs receive a constant current, preventing burnout during voltage spikes. #### C. The "R" Specification (Red Lens) - The **Red (R)** lens is made of high-impact Polycarbonate. It acts as an optical filter, maximizing the transmission of the specific wavelength emitted by the red LEDs inside, ensuring high visibility even in smoky or foggy conditions. --- ### 3. Wiring and Installation The device generally features a simple two-wire or three-wire connection system: 1. **Power (V+ / Line):** Connects to the switched power source. 2. **Neutral/Ground (V- / Neutral):** Completes the circuit. 3. **Optional Flash/Rotate Lead:** Some variants allow you to choose between a steady light or a rotating pattern by bridging specific wires. --- ### 4. Common Applications - **Industrial Automation:** Indicates machine failure or "Emergency Stop" status. - **Security Systems:** Used as a visual alarm for perimeter breaches. - **Logistics:** Mounted on overhead cranes or automated guided vehicles (AGVs).
    ✨ Follow-up Questions
    • ⤷ Does this model support a built-in buzzer for audible alarms?
    • ⤷ What is the difference between the SVB-A18W-R and the S-type variant?
    • ⤷ How do I wire this unit for a 24V DC industrial PLC output?