データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SVB-A1D-R

  • AI
    The **SVB-A1D-R** is a specific electronic component typically categorized as a **Safety Interlock Switch** or a **Safety Controller Module**, often associated with industrial automation and machinery safety (frequently part of the Reer or similar safety equipment ecosystems). Below is a breakdown of its technical characteristics and electronic architecture. --- ### 1. General Specifications The SVB-A1D-R is designed to monitor safety devices (like E-stops or safety gates) and ensure a machine enters a safe state if a fault is detected. | Feature | Description | | :--- | :--- | | **Component Type** | Safety Relay / Control Module | | **Mounting** | DIN Rail Mounting (Standard 35mm) | | **Contact Configuration** | Typically 2NO (Normally Open) + 1NC (Normally Closed) | | **Supply Voltage** | 24V DC / AC (standard for industrial logic) | | **Response Time** | < 20ms (Safety critical) | --- ### 2. Key Electronic Parts & Functionality The internal electronics are built for **redundancy** and **self-monitoring**. * **Dual-Channel Logic:** The internal circuit uses two independent microprocessors or hardware paths. If one path fails, the other can still trigger the safety stop. * **Forced-Guided Relays:** Unlike standard relays, these use a mechanical linkage. If a contact welds shut, the linked NC contact cannot move, allowing the system to detect the mechanical failure. * **Feedback Loop (EDM):** Includes terminals for External Device Monitoring. It electronically checks if external contactors have actually opened or closed. * **Overcurrent Protection:** Internal PTC thermistors or fuses protect the logic board from voltage spikes or wiring shorts. --- ### 3. Terminal Mapping (Typical) While you should always consult the specific wiring diagram on the unit, the electronic pins are generally organized as follows: | Terminal ID | Function | Electronic Description | | :--- | :--- | :--- | | **A1 / A2** | Power Supply | 24V (+/-) Input | | **S11 / S12** | Channel 1 | Control loop for safety sensor/switch | | **S21 / S22** | Channel 2 | Redundant control loop | | **13 / 14** | Safety Output 1 | NO (Normally Open) high-current relay path | | **23 / 24** | Safety Output 2 | NO (Normally Open) high-current relay path | | **31 / 32** | Auxiliary Output | NC (Normally Closed) for status signaling (PLC) | --- ### 4. Safety Ratings As an electronic safety device, it must adhere to international standards: * **SIL (Safety Integrity Level):** Usually SIL 3. * **Performance Level (PL):** Usually PL e. * **Category:** Category 4 (highest level of fault tolerance). ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching current for the SVB-A1D-R safety outputs?
    • ⤷ How do you wire a dual-channel emergency stop button to this module?
    • ⤷ Can this module be used with light curtains or only mechanical switches?