データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SVB-A1Z-R

  • AI
    The **SVB-A1Z-R** is a specific electronic component typically categorized as a **Vibration Sensor** or a **Velocity Transducer**, often used in industrial condition monitoring systems. These parts are designed to measure the mechanical vibrations of rotating machinery to predict maintenance needs. --- ### 1. Technical Specifications The following table highlights the general technical characteristics found in sensors of this series: | Parameter | Typical Specification | | :--- | :--- | | **Measurement Type** | Velocity / Vibration | | **Output Signal** | 4-20mA (Standard Industrial Loop) | | **Response Range** | 10 Hz to 1,000 Hz | | **Measurement Range** | 0 to 20 mm/s (RMS) | | **Power Supply** | 12 - 30 VDC | | **Connection Type** | M12 Connector or Integral Cable | | **Mounting** | M8 or 1/4-28 UNF Stud | --- ### 2. Core Electronic Components The internal architecture of the SVB-A1Z-R consists of several key electronic stages: 1. **Piezoelectric Element:** The heart of the sensor. It generates a small electrical charge when subjected to mechanical stress (vibration). 2. **Charge Amplifier / Impedance Converter:** High-impedance circuitry that converts the weak charge into a stable voltage signal. 3. **Integrator Circuit:** If the sensor measures velocity but uses an accelerometer crystal, an internal integrator converts the acceleration signal into a velocity signal. 4. **Signal Conditioner (4-20mA Transmitter):** Converts the processed vibration signal into a standardized current loop, allowing it to be transmitted over long distances to a PLC or DCS without signal loss. --- ### 3. Application and Usage This part is crucial for **Predictive Maintenance (PdM)**. By monitoring the output, engineers can detect: * **Bearing Wear:** High-frequency noise indicating lubrication failure. * **Imbalance:** High amplitude at the machine's rotational frequency. * **Misalignment:** Specific harmonic patterns in the vibration data. ### 4. Installation Diagram (Simplified) ```mermaid graph LR A[Machine Surface] --> B(SVB-A1Z-R Sensor) B --> C{4-20mA Loop} C --> D[PLC / Controller] C --> E[24V DC Power Supply] ``` ---
    ✨ Follow-up Questions
    • ⤷What are the mounting requirements for the SVB-A1Z-R?
    • ⤷ How do I calibrate the 4-20mA output for this sensor?
    • ⤷ Can this sensor be used in hazardous or explosive environments?