データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SVB-AD-R/Q

  • AI
    The **SVB-AD-R/Q** refers to a high-performance, modular valve driver or electronic signal converter typically used in hydraulic systems or industrial automation. These components are designed to interface between control systems (like a PLC) and mechanical actuators. --- ### 1. Technical Specifications Overview The electronic architecture of the SVB-AD-R/Q is designed for precision signal conditioning and power amplification. | Component Feature | Description | | :--- | :--- | | **Input Signal** | Supports standard analog signals (0–10V, 4–20mA). | | **Output Type** | PWM (Pulse Width Modulation) for solenoid control. | | **Mounting** | Typically DIN-rail mountable for industrial cabinets. | | **Adjustment** | Potentiometer-based or digital adjustment for Gain and Offset. | | **Ramp Control** | Integrated electronic ramps for smooth acceleration/deceleration. | --- ### 2. Core Electronic Parts and Functions The internal circuitry is generally divided into four functional stages: #### A. Power Supply & Protection Stage This section regulates incoming power (usually 24V DC). * **Reverse Polarity Protection:** Prevents damage if the power leads are swapped. * **Voltage Regulators:** Converts 24V to internal logic levels (5V or 3.3V). * **Suppression Diodes:** Protects against inductive back-EMF from the solenoid coils. #### B. Signal Processing Stage This "brain" of the unit interprets the control command. * **Operational Amplifiers (Op-Amps):** Used for scaling the input signal and filtering noise. * **Ramp Generators:** Electronic capacitors and resistors (or a microcontroller) that determine how fast the output reaches the setpoint. #### C. Power Output Stage (The "Driver") This part handles the high current required to move hydraulic valves. * **Power MOSFETs:** Act as high-speed switches to generate the PWM signal. * **Dither Circuitry:** Superimposes a high-frequency vibration on the output current to reduce mechanical friction (hysteresis) in the valve. #### D. Diagnostic Indicators * **LEDs:** Typically includes a Green LED (Power), Yellow LED (Signal Status), and Red LED (Fault/Error). --- ### 3. Wiring Configuration Typical terminal assignments for these types of electronic modules: ```text Terminal 1: +24V DC Power Supply Terminal 2: 0V (Ground) Terminal 3: Input Signal (+) [0-10V / 4-20mA] Terminal 4: Input Signal (GND) Terminal 5: Solenoid Output A Terminal 6: Solenoid Output B ``` --- ### 4. Key Electronic Adjustments To calibrate the SVB-AD-R/Q, users interact with the following onboard components: 1. **I-min (Offset):** Sets the minimum current to ensure the valve cracks open immediately upon signal. 2. **I-max (Gain):** Sets the maximum current to define the full-stroke limit of the valve. 3. **Ramp Up/Down:** Adjusts the time constant to prevent mechanical shock in the hydraulic lines.
    ✨ Follow-up Questions
    • ⤷ What is the specific input voltage requirement for the SVB-AD-R/Q model?
    • ⤷ How do you adjust the dither frequency on this specific electronic module?
    • ⤷ What are the common failure symptoms for the power output stage?