データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SVB-BC-R

  • AI
    The **SVB-BC-R** typically refers to a specific type of **Control Box** or **Battery Control Module** often utilized in adjustable furniture (like motorized beds or recliners) or industrial automation systems. Below is a breakdown of its electronic components and technical specifications. --- ### 1. Technical Specifications The SVB-BC-R acts as the "brain" of a linear actuator system. Its primary role is to bridge the power supply and the mechanical movement components. | Component Category | Details | | :--- | :--- | | **Input Voltage** | Typically 24V - 29V DC | | **Connectivity** | Bluetooth (indicated by "BC" or "BT" variants) and RF | | **Output Channels** | 2 to 5 channels (for controlling multiple motors) | | **Compatibility** | Linear Actuators, LED strips, and Massage Motors | | **Safety Features** | Overload protection, Short-circuit protection | --- ### 2. Core Electronic Parts The internal architecture of the SVB-BC-R consists of several key electronic modules: #### A. Microcontroller Unit (MCU) * **Function:** Processes signals from the remote control (RF) or mobile app (Bluetooth). * **Logic:** It manages the timing for soft-start and soft-stop features to prevent mechanical jarring. #### B. Bluetooth/RF Receiver Module * **Wireless Protocol:** Often operates on 2.4GHz (Bluetooth Low Energy) or 433MHz (RF). * **Antenna:** An internal trace antenna on the PCB to receive commands from wireless handsets. #### C. Power Management & H-Bridge * **Relays/MOSFETs:** These switch the high-current DC power to the actuators. * **H-Bridge Circuit:** Allows the motors to reverse polarity, enabling the actuators to move both in (retract) and out (extend). #### D. Connection Ports (I/O) 1. **5-Pin/7-Pin DIN Connectors:** For manual hand control tethering. 2. **2-Pin Power Plug:** Standard connection to a transformer/SMPS. 3. **Actuator Ports:** Specialized sockets to plug in the lifting motors. --- ### 3. Usage Scenarios The "R" in the model often signifies a specific Revision or Remote-ready configuration. * **Smart Beds:** Synchronizing the head and foot motors. * **Under-bed Lighting:** Controlling 12V/24V LED strips via the same control box. * **Mobile App Integration:** Many SVB-BC-R units allow users to save "Memory Positions" (e.g., Zero Gravity) via a smartphone. ---
    ✨ Follow-up Questions
    • ⤷ What is the pairing process for a remote with the SVB-BC-R?
    • ⤷ How do I troubleshoot an 'overload' error on this control box?
    • ⤷ Can this unit be used with 110V AC power directly?