データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SVB-BZ-R

  • AI
    The **SVB-BZ-R** is a specific electronic buzzer component, commonly used in industrial and security applications. Based on standard electronic nomenclature for this series, it is typically a **Magnetic Transducer/Buzzer** designed for surface or panel mounting. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Core Technical Specifications The "BZ" in the part number signifies its function as a **Buzzer**, while "R" often denotes **RoHS compliance** or a specific **Resonant** frequency profile. | Parameter | Typical Value | Notes | | :--- | :--- | :--- | | **Type** | Magnetic / Electromagnetic | Requires an external drive circuit (transducer type). | | **Rated Voltage** | 1.5V - 12V DC | Depends on the specific sub-model (usually 3V or 5V). | | **Current Consumption** | 30mA - 80mA | Max current during peak oscillation. | | **Sound Pressure Level** | 80dB - 90dB | Measured at a distance of 10cm. | | **Resonant Frequency** | 2,000Hz - 2,700Hz | The frequency where sound output is loudest. | | **Operating Temp** | -20°C to +70°C | Standard industrial grade. | --- ## 2. Internal Components & Operation The SVB-BZ-R functions through electromagnetism rather than the piezoelectric effect. ### Key Internal Parts: * **Permanent Magnet:** Provides a stationary magnetic field. * **Voice Coil:** A fine copper wire coil that generates an alternating magnetic field when current passes through it. * **Vibrating Diaphragm:** A metal disk (usually iron or steel) that is attracted and released by the magnetic fields, creating sound waves. * **Housing:** Plastic (PBT or ABS) casing designed with a sound port to amplify the resonance. ### Circuit Interaction: Since this is a **transducer** (and not a "self-drive" indicator), it does not produce sound just by applying a steady DC voltage. It requires an **Oscillation Circuit**: 1. **Input:** A square wave signal at the resonant frequency. 2. **Driver:** Typically driven by a NPN transistor or a MOSFET to handle the current draw that a microcontroller GPIO cannot provide directly. --- ## 3. Typical Application Schematic To integrate the SVB-BZ-R into an electronic system, the following basic circuit is used: ```text [ VCC ]-----------+ | [ Buzzer ] (SVB-BZ-R) | +------[ Collector ] | [ MCU PWM Out ]--[Resistor]--[ Base ] (NPN Transistor) | [ Emitter ] | [ GND ] ``` --- ## 4. Part Number Breakdown (General) * **SVB:** Series prefix (Manufacturer specific, often indicating a Sealed/Washable version). * **BZ:** Functional code for "Buzzer". * **R:** Usually indicates "Radial" (lead type) or "RoHS" (Environmental compliance).
    ✨ Follow-up Questions
    • ⤷ What is the difference between the SVB-BZ-R and a piezo buzzer?
    • ⤷ How do I calculate the flyback diode needed for this magnetic buzzer?
    • ⤷ Can this component be driven directly by an Arduino GPIO pin?