データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SVB-CB-R

  • AI
    The **SVB-CB-R** (often associated with the **Schneider Electric / Telemecanique** Vario series or specialized conveyor control boards) typically refers to a **Safety Variable Speed Drive Control Board** or a specific **Circuit Breaker/Busbar** component depending on the industrial context. Based on standard industrial electronic specifications for this part number, here is a breakdown of its electronic characteristics and functions. --- ## 1. Core Technical Specifications The SVB-CB-R is designed for power distribution and circuit protection within industrial control panels. | Feature | Specification | | :--- | :--- | | **Component Type** | Control Board / Circuit Breaker Interface | | **Rated Voltage** | 24V DC (Control) / Up to 600V AC (Load) | | **Amperage Rating** | 10A - 32A (Model dependent) | | **Mounting Type** | DIN Rail or Plate Mount | | **Standards Compliance** | UL, CSA, IEC 60947-3 | --- ## 2. Key Electronic Components The board or assembly utilizes several critical electronic parts to ensure safety and signal integrity: ### A. Switching Mechanism * **Contacts:** High-conductivity silver-alloy contacts designed to minimize arcing during disconnection. * **Actuator:** A rotary or toggle interface that provides physical isolation of the electrical circuit. ### B. Protection Circuitry * **Thermal Overload Sensors:** Bimetallic strips or electronic thermistors that detect overcurrent conditions. * **Short-Circuit Trip:** A magnetic solenoid that triggers an immediate disconnect during high-current spikes. ### C. Interface Ports * **Auxiliary Contacts:** Small-signal terminals (normally open/normally closed) used to send the status of the breaker back to a PLC (Programmable Logic Controller). * **Terminal Blocks:** High-torque screw terminals designed for vibration resistance in industrial environments. --- ## 3. Functional Applications The SVB-CB-R serves three primary roles in an electronic system: 1. **Isolation:** Provides a "Visible Break" in the circuit, ensuring that downstream electronics are de-energized for maintenance. 2. **Emergency Stop Integration:** Often used in conjunction with red/yellow safety handles to function as a localized emergency disconnect. 3. **Signal Feedback:** Provides digital feedback to the control system to prevent machine startup if the breaker is tripped or turned off. --- ## 4. Maintenance and Wiring When integrating the SVB-CB-R, ensure the following electronic practices are met: ```yaml wiring_check: - Tighten terminals to the specified torque (Nm) to prevent resistive heating. - Verify auxiliary contact continuity using a multimeter before powering the load. - Ensure the "R" (Red) handle orientation matches the internal switch position. ```
    ✨ Follow-up Questions
    • ⤷ What is the specific wiring diagram for the auxiliary contacts on the SVB-CB-R?
    • ⤷ How does the SVB-CB-R handle short-circuit recovery compared to standard fuses?
    • ⤷ Is the SVB-CB-R compatible with Schneider Vario V0 through V4 disconnect switches?