SVB-CDW-R/K
AI

The **SVB-CDW-R/K** is a specific electronic component often associated with industrial automation, specifically within the realm of **safety switches** or **limit switches** produced by manufacturers like *Bernstein AG* or similar industrial controls providers.
The part number indicates a modular safety switch assembly designed for machine guarding and position monitoring.
---
## Technical Specifications & Components
The electronic and electromechanical architecture of the SVB-CDW-R/K can be broken down into the following key parts:
### 1. Contact Configuration
The "R/K" designation often refers to the specific contact blocks housed within the unit.
| Component | Description | Function |
| :--- | :--- | :--- |
| **NC Contacts** | Normally Closed (Force-guided) | Used for safety-critical shutdown circuits. |
| **NO Contacts** | Normally Open | Typically used for auxiliary signaling or status feedback. |
| **Contact Material** | Silver-Nickel (AgNi) or Gold-plated | Ensures high conductivity and resistance to oxidation. |
### 2. Actuation Mechanism
The **CDW** portion of the code usually denotes the actuator style or the head assembly.
* **Rotary/Lever Actuator:** Converts mechanical movement into electrical state changes.
* **Positive Opening:** The internal mechanics are designed so that the NC contacts are physically forced open by the actuator, ensuring safety even if contacts are lightly welded.
### 3. Housing and Connectivity
* **Enclosure Material:** Usually Thermoplastic or Die-cast Aluminum (depending on the specific series suffix).
* **Termination:** Screw terminals or M12 connector integration for electrical wiring.
* **Protection Class:** Often rated **IP65/IP67**, meaning the internal electronic parts are sealed against dust and water immersion.
---
## Application Context
The SVB-CDW-R/K is primarily used in **Safety Integrity Level (SIL)** or **Performance Level (PL)** rated circuits.
### Key Electronic Functions:
1. **Redundancy:** Often wired in dual-channel configurations to ensure that a single wire fault does not lead to a loss of the safety function.
2. **Monitoring:** Integrated into a safety relay or PLC (Programmable Logic Controller) loop.
3. **Isolation:** Provides physical galvanic isolation between the control circuit and the mechanical state of the machine.
---
- ⤷
What is the specific voltage and current rating for the SVB-CDW-R/K contacts?
- ⤷ Which manufacturer produces the SVB-CDW-R/K series?
- ⤷ How do I wire this switch into a dual-channel safety relay?