データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SVB-CG-R/K

  • AI
    The **SVB-CG-R/K** is a specific electronic component typically categorized as a **Safety Sensor** or **Safety Interlock Switch**, often associated with industrial automation and machine safety systems (frequently used in brands like *Schmersal* or similar safety equipment manufacturers). Below is a detailed breakdown of its electronic parts and functional characteristics. --- ### 1. Functional Specifications This device acts as a control element for monitoring the position of movable safety guards (like doors or gates). | Component Feature | Description | | :--- | :--- | | **Contact Type** | Typically features Positive Break NC (Normally Closed) contacts. | | **Switching Principle** | Magnetic or Electromechanical (depending on the specific series). | | **Housing Material** | Glass-fiber reinforced thermoplastic or metal alloy. | | **Connection Type** | M12 Connector or Terminal screws (indicated by R/K suffix). | | **Protection Class** | Usually IP67 (dust-tight and water immersion resistant). | --- ### 2. Internal Electronic Parts The "Electronic" side of these switches usually involves passive and active safety circuits to ensure "Fail-Safe" operation. #### A. Contact Block The core of the unit is the contact block. In safety applications, these are **Force-Guided Contacts**. If the internal spring fails or the contacts weld, the mechanical design ensures the circuit stays open to prevent the machine from starting. #### B. The Actuator (R/K Variants) * **Mechanical Actuator:** A stainless steel tongue or key that physically enters the switch to bridge the contacts. * **Reed/Hall Effect Sensors:** If the unit is non-contact (Magnetic), it contains internal reed switches or Hall Effect transistors that react to the proximity of a coded magnet. #### C. Termination & Wiring (Suffix Meanings) * **"R" (Rear/Right):** Often refers to the orientation of the cable exit or the mounting position. * **"K" (Connector/Klemme):** Usually indicates the type of electrical connection (e.g., integrated M12 connector or internal terminals). --- ### 3. Safety Circuit Integration To function correctly, the SVB-CG-R/K must be wired into a **Safety Monitoring Relay** or a **Safety PLC**. ```mermaid graph LR A[SVB-CG Switch] --> B[Safety Relay] B --> C[Main Contactor] C --> D[Motor/Machine] ``` #### Electrical Ratings (Typical) * **Voltage:** 24V DC or 230V AC (depending on model). * **Thermal Current ($I_{th}$):** Usually around 4A to 10A. * **Utilization Category:** AC-15 / DC-13 (Industrial Inductive Loads). --- ### 4. Maintenance and Troubleshooting | Symptom | Probable Electronic Failure | | :--- | :--- | | **Intermittent Signal** | Loose wiring in the "K" terminal or damaged M12 pins. | | **Failure to Reset** | Welded contacts due to overcurrent/short circuit. | | **LED indicator off** | Blown internal fuse or loss of 24V supply to the safety loop. |
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the M12 version of this switch?
    • ⤷ Can this switch be used in SIL3 safety applications?
    • ⤷ What is the difference between the R and K suffixes in terms of mounting?