データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SVB-D8W-R

  • AI
    The **SVB-D8W-R** is a specific model within the series of industrial signaling devices, commonly categorized as an **Electronic Signal Horn with Voice/Melody capability**, often manufactured by companies like *Patlite* or similar industrial automation providers. Below is a detailed breakdown of its electronic components and specifications. --- ### 1. Technical Specifications This device is designed for industrial environments where audible alerts are required for safety or status monitoring. | Feature | Specification | | :--- | :--- | | **Input Voltage** | Typically 12V - 24V DC (Standard for PLC integration) | | **Sound Pressure Level** | Up to 105dB at 1 meter (Adjustable) | | **Channels** | 8 Channels (Binary or Bit input) | | **Audio Format** | Supports MP3/WAV (depending on internal memory type) | | **Protection Rating** | IP65 (Dust-tight and protected against water jets) | | **Mounting** | Wall or Panel Mount | --- ### 2. Key Electronic Components The "Electronic Parts" of the SVB-D8W-R consist of several integrated modules that allow it to function as a smart signaling device: #### A. Internal Memory (Flash Storage) * **Function:** Stores pre-recorded voice messages or alarm tones. * **Details:** Uses an internal flash chip. On "W" models, users can often rewrite the sounds using an SD card or a specialized programming cable. #### B. Digital Input Interface (PLC Logic) * **Function:** Receives signals from a controller (PLC) to trigger specific sounds. * **Wiring:** It usually features a multi-wire harness. * **Bit Input:** 8 wires for 8 specific sounds. * **Binary Input:** Using a combination of inputs to trigger up to 15 or 31 sounds. #### C. Power Amplifier & Driver * **Function:** Converts the low-level audio signal from the memory chip into high-voltage signals to drive the speaker. * **Efficiency:** Uses a Class D amplifier to minimize heat generation in compact industrial enclosures. #### D. Volume Control Potentiometer * **Function:** A physical or digital trimmer located on the back or inside the casing to adjust the decibel level. --- ### 3. Wiring Configuration Example In most industrial setups, the wiring follows this logic: ```yaml Red Wire: Power (+) 24V DC Black Wire: Common (-) Brown Wire: Channel 1 (Trigger) Orange Wire: Channel 2 (Trigger) Yellow Wire: Channel 3 (Trigger) ...and so on. ``` --- ### 4. Meaning of the Part Number * **SVB:** Series identifier (Signal Voice Board/Horn). * **D8:** Refers to the channel capacity (8 discrete inputs). * **W:** Often indicates "Wide" voltage range or "White" housing (depending on the specific manufacturer catalog). * **R:** Usually denotes the color of a visual indicator if integrated, or a specific revision. ---
    ✨ Follow-up Questions
    • ⤷ How do I upload custom MP3 files to the SVB-D8W-R?
    • ⤷ What is the maximum current draw for this device at 24V DC?
    • ⤷ Does this model support NPN or PNP logic for the input triggers?