データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SVB-DD-R/CE

  • AI
    The **SVB-DD-R/CE** is a specific electronic component typically categorized as a **Digital-to-Digital Signal Converter** or an **Interface Module**, often used in industrial automation and CNC systems (such as those by Heidenhain or specialized motion control manufacturers). Below is a breakdown of its electronic characteristics and technical functions. --- ### 1. Technical Overview The primary purpose of this module is to act as a bridge between different electronic signal protocols. It ensures that digital feedback from high-precision sensors can be understood by a central processing unit or controller. | Feature | Specification Detail | | :--- | :--- | | **Component Type** | Signal Converter / Interface Electronics | | **Input Signal** | EnDat 2.2 or absolute serial data | | **Output Signal** | Square-wave signals (TTL) or specialized digital bus | | **Power Supply** | Typically 5V DC (standard for TTL/CMOS logic) | | **Mounting** | DIN rail or integrated into control cabinets | ### 2. Key Electronic Components & Functions #### A. Signal Processing (IC Architecture) Inside the unit, there are high-speed logic gates and potentially an FPGA (Field Programmable Gate Array) or a specialized ASIC. These parts process high-frequency pulses from rotary encoders or linear scales, converting them into a format compatible with the "R" (Receiver) side of the system. #### B. Differential Signaling (RS-422/485) To prevent electromagnetic interference (EMI) in industrial environments, the SVB-DD-R/CE uses differential line drivers. * **Protection:** It often includes TVS (Transient Voltage Suppressor) diodes to protect the internal circuitry from voltage spikes. * **Noise Immunity:** By using paired signals (e.g., A and A-inverted), it ensures high data integrity over long cable runs. #### C. Power Management The "CE" designation indicates compliance with European safety standards, meaning the electronic layout includes: * **Filtering Capacitors:** To smooth out ripples in the DC power supply. * **Isolation:** Optocouplers or galvanic isolation barriers to prevent ground loops between the sensor and the controller. ### 3. Connection Interface The electronic parts are terminated via high-density connectors (often Sub-D or M12 circular connectors). ```yaml Pin Configuration (General): - Pin 1: Vcc (Power Supply +5V) - Pin 2: GND (0V) - Pin 3: Data + (Serial Communication) - Pin 4: Data - (Serial Communication) - Pin 5: Clock + (Timing Signal) - Pin 6: Clock - (Timing Signal) ``` --- ### 4. Application Context In a typical CNC setup, the SVB-DD-R/CE performs the following logic flow: 1. **Reception:** Receives raw digital position data from an absolute encoder. 2. **Conversion:** Translates the proprietary serial protocol into a standardized R-type digital output. 3. **Transmission:** Sends the refined signal to the drive inverter or the main control board for real-time motion adjustment.
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring differences between the SVB-DD-R and standard TTL modules?
    • ⤷ Does this module support bidirectional communication for diagnostics?
    • ⤷ What is the maximum frequency response for the digital signals in this unit?