データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SVB-E9-R

  • AI
    The **SVB-E9-R** is a specific variant of safety switch, typically associated with the **IDEM Safety Switches** range or similar industrial safety interlock systems. It is designed to ensure that machinery is powered down before a technician can access hazardous areas. Below is an explanation of its electronic components and technical specifications. --- ## 1. Core Technical Specifications The SVB-E9-R is primarily a **mechanical-electronic hybrid safety device**. While the mechanical housing is robust (usually die-cast or stainless steel), the electronic performance is defined by its contact blocks and voltage ratings. | Component / Feature | Description | | :--- | :--- | | **Contact Configuration** | Typically 3NC (Normally Closed) and 1NO (Normally Open) | | **Max. Voltage** | 240V AC / 24V DC | | **Thermal Current (Ith)** | 10 Amps | | **Enclosure Material** | Die-cast Metal (often finished in Red for safety visibility) | | **Ingress Protection** | IP67 (Dust-tight and immersion resistant) | | **Safety Standard** | ISO 13849-1, SIL 3 (when used with appropriate monitoring) | --- ## 2. Key Electronic Parts & Functionality ### A. Contact Blocks (Switching Elements) The "E9" designation often refers to the specific internal contact arrangement. - **NC (Normally Closed) Contacts:** These are "positive break" contacts. In the event of an emergency or guard opening, the electronic circuit is physically forced open to cut power to the motor starter or safety relay. - **NO (Normally Open) Contacts:** Usually used for monitoring purposes, sending a signal to a PLC (Programmable Logic Controller) to indicate the door is open. ### B. Termination & Wiring - **Conduit Entry:** The device features threaded entries (typically M20 or 1/2" NPT) to house electronic cables. - **Terminals:** Internal screw-type terminals allow for high-vibration resistance, ensuring the electrical connection remains stable in industrial environments. ### C. The "R" Designation (Rear Release/Reset) The **-R** suffix usually denotes a specific electronic or mechanical override feature: - **Rear Release:** Allows for an emergency exit from inside the hazardous area. - **Manual Reset:** Requires an electronic or manual signal to reset the safety loop after the guard is closed. --- ## 3. Circuit Integration In a standard industrial setup, the electronic parts of the SVB-E9-R function as follows: 1. **Safety Loop:** The 2 NC contacts are wired in series with a **Safety Relay**. 2. **Redundancy:** By using two separate electronic channels, the system ensures that if one contact fails (welds shut), the second channel will still trigger the stop. 3. **Feedback:** The NO contact is wired to a 24V DC input on a PLC to provide human-machine interface (HMI) feedback. --- ## 4. Maintenance & Safety Warning > [!IMPORTANT] > Because this is a safety-critical electronic part, it must be tested periodically. Check for "pitting" on the silver-alloy contacts and ensure the IP67 seal is intact to prevent moisture from shorting the internal electronics.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the SVB-E9-R and the standard SVB-E9 model?
    • ⤷ How do you wire the 3NC/1NO configuration to a safety relay?
    • ⤷ What is the mechanical lifespan of the internal switching contacts?