データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SVB-F8W-R/E

  • AI
    The **SVB-F8W-R/E** is a high-performance industrial industrial camera part, typically associated with the **Sentech (OMRON Sentech)** brand. It is an 8-Megapixel, high-speed digital camera module used primarily in factory automation and machine vision. ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Resolution** | 8.3 Megapixels (approx. 3840 x 2160) | | **Sensor Type** | CMOS (Global Shutter) | | **Interface** | CoaXPress (CXP) or specialized Camera Link | | **Frame Rate** | High Speed (typically up to 90-100 FPS at full res) | | **Lens Mount** | C-Mount | | **Color/Mono** | R/E designation usually implies Color (RGB) or specialized Near-Infrared | --- ### Key Electronic Components & Subsystems The internal architecture of the SVB-F8W-R/E consists of several critical electronic stages: #### 1. Image Sensor Array The "heart" of the device is a high-grade **CMOS sensor**. Unlike standard rolling shutter sensors found in consumer electronics, this uses a **Global Shutter**. * **Function:** Captures all pixels simultaneously to prevent motion blur or "rolling" distortion when photographing fast-moving objects on a conveyor belt. #### 2. Analog-to-Digital Converter (ADC) Integrated either on the sensor chip or as a peripheral IC. * **Function:** Converts the analog voltage charges from the pixels into digital data (bits). This unit is designed for low noise to ensure high image clarity in low-light industrial environments. #### 3. FPGA (Field Programmable Gate Array) The "brain" of the camera. * **Function:** Handles real-time image processing, including: * **Bayer Transformation:** Converting raw data into color images. * **Gain and Offset Control:** Adjusting brightness and contrast at the hardware level. * **Defective Pixel Correction:** Automatically masking dead pixels. #### 4. High-Speed Interface Controller Given the high resolution and frame rate, the electronic interface (CoaXPress or similar) uses specialized transceivers. * **Function:** Manages the high-speed data stream (Gbps) to the host computer without dropping frames. --- ### Common Applications * **Semiconductor Inspection:** Checking for microscopic defects on silicon wafers. * **PCB Assembly (SMT):** High-speed verification of component placement. * **Automotive Quality Control:** Inspecting parts on a rapidly moving production line.
    ✨ Follow-up Questions
    • ⤷ What are the power supply requirements for the SVB-F8W series?
    • ⤷ Does this model support Power over CoaXPress (PoCXP)?
    • ⤷ What is the specific pixel size of the CMOS sensor used in this module?