データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SVB-GWE-R/Q

  • AI
    The **SVB-GWE-R/Q** is a specialized electronic component typically associated with industrial automation systems, specifically within the **SMC** (or similar pneumatic/electric control) product lines. It functions as a gateway or interface module designed to bridge communication between field devices and a higher-level controller. --- ### 1. Functional Breakdown The part number signifies a specific configuration for communication and power management in a decentralized I/O system. | Feature | Description | | :--- | :--- | | **Component Type** | Communication Gateway / Fieldbus Interface | | **Primary Function** | Converts network protocols (e.g., EtherCAT, PROFINET) to internal serial communication for valve manifolds or I/O units. | | **Mounting Style** | Integrated / Manifold mounted (Directly attached to pneumatic valve blocks). | | **Diagnostic Capability** | Includes LED indicators for power, communication status, and internal errors. | --- ### 2. Key Electronic Specifications The internal electronics are designed for rugged industrial environments (Industrial IoT and Industry 4.0 applications). * **Communication Interface:** Typically supports high-speed protocols to ensure real-time response for solenoid valves. * **Power Supply:** Generally operates on a **24V DC** standard (Class 2). It usually features dual power circuits: 1. **Control Power:** Powers the internal logic and communication circuitry. 2. **Valve Power:** Supplies the high current required to actuate solenoid coils. * **Protection Rating:** Usually rated **IP65 or IP67**, meaning the electronic housing is dust-tight and protected against water jets/immersion. * **Connector Types:** Uses standard industrial circular connectors (e.g., M12 or M8) for both data and power to ensure vibration resistance. --- ### 3. Internal Components and Architecture Inside the SVB-GWE-R/Q, the following electronic subsystems exist: 1. **Microcontroller (MCU):** Manages the protocol stack and executes logic for I/O mapping. 2. **Optoisolators:** Protects the sensitive logic circuits from voltage spikes or electrical noise generated by the solenoid valves. 3. **Step-down Converters:** Regulates the 24V input down to 3.3V or 5V for the internal ICs. 4. **Termination Resistors:** Often integrated to ensure signal integrity across the fieldbus line. --- ### 4. Application Context This part is used when a machine requires "Distributed Intelligence." Instead of running 20 individual wires from a PLC to 20 valves, a single Ethernet/Fieldbus cable runs to the **SVB-GWE-R/Q**, which then electronically addresses each valve unit on the manifold.
    ✨ Follow-up Questions
    • ⤷ Which specific communication protocol does the R/Q suffix denote for this model?
    • ⤷ How do you wire the power supply for the control vs. the load circuits in this unit?
    • ⤷ What are the common troubleshooting codes indicated by the LED status lights?