データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SVB-HD-R

  • AI
    The **SVB-HD-R** (often associated with the **Schneider Electric / Telemecanique** line) is a high-performance **Variable Speed Drive (VSD)** or **Soft Starter** component, typically utilized in industrial automation for heavy-duty motor control. Below is an explanation of its core electronic parts, technical specifications, and functions. --- ### 1. Key Electronic Components The device is composed of several critical layers of electronics designed to handle high voltage and precise logic control: | Component Category | Specific Part/Function | Description | |:---|:---|:---| | **Power Stage** | Thyristors (SCRs) | Controls the voltage ramp-up by switching at specific phase angles. | | **Control Board** | Microprocessor/DSP | The "brain" that calculates firing pulses and monitors motor diagnostics. | | **I/O Terminals** | Digital/Analog Ports | Interface for Start/Stop commands and speed reference signals (4-20mA/0-10V). | | **Bypass Contactor** | Internal/External Relay | Shifts the load away from the electronics once full speed is reached to reduce heat. | | **Heatsink** | Thermal Management | Aluminum extrusion used to dissipate heat generated by the power semiconductors. | --- ### 2. Technical Specifications | Feature | Specification | |:---|:---| | **Input Voltage** | Typically 200V - 480V AC (model dependent) | | **Phase** | 3-Phase | | **Control Type** | Current Limit or Voltage Ramp | | **Communication** | Modbus (standard) / Optional Fieldbus modules | | **Protection Rating** | IP20 or NEMA 1 (depending on enclosure) | --- ### 3. Electronic Protection Features The SVB-HD-R integrates several electronic safety mechanisms to protect both the device and the connected motor: 1. **Electronic Overload:** Monitors current draw over time to prevent motor winding burnout. 2. **Phase Loss Detection:** Detects if one of the three input phases is missing to prevent single-phasing. 3. **Short Circuit Protection:** High-speed electronic sensing to shut down the gate pulses if a short is detected. 4. **Thermal Monitoring:** Uses NTC or PTC thermistors to monitor the temperature of the internal thyristors. --- ### 4. Typical Wiring Diagram Logic The electronic logic follows a standard industrial control flow: ```mermaid graph LR A[L1, L2, L3 Input] --> B[Thyristor Bridge] B --> C[Current Sensors] C --> D[Motor Output T1, T2, T3] E[24V DC Control] --> F[Logic Controller] F --> B ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific mounting requirements for the SVB-HD-R to ensure proper cooling?
    • ⤷ How do you configure the Modbus communication parameters for this unit?
    • ⤷ What is the difference between the HD (Heavy Duty) and standard versions of this series?