データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SVB-HD-R/CE

  • AI
    The **SVB-HD-R/CE** is a specialized electronic control unit, commonly associated with the **Seidel (now Kollmorgen)** series of servo drive components. It primarily serves as a high-density, compact electronic interface for industrial motion control. ### 1. Technical Specifications Overview Below are the key electronic characteristics typically associated with this module: | Component Category | Specification Details | | :--- | :--- | | **Function** | Servo Amplifier / Controller Interface | | **Input Voltage** | Typically 24V DC (Control Logic) | | **Cooling Method** | Heatsink (Convection) or External Ventilation | | **Compliance** | CE Certified (European Standards) | | **Mounting** | Rack-mounted / Plug-in Unit | --- ### 2. Key Electronic Parts and Features #### A. Power Stage and Output * **IGBT/Power Transistors:** These are used to switch the high-voltage DC bus to the motor phases. The "HD" (High Density) designation often implies compact power electronics that handle high current in a small footprint. * **Protection Circuitry:** Includes internal fuses and surge protection to prevent damage from overvoltage or short circuits. #### B. Control Logic and Processing * **Microprocessor Unit (MCU):** The "brain" that calculates PID loops, commutation, and trajectory planning based on feedback. * **Signal Isolation:** Optocouplers or digital isolators are used to separate high-power electrical noise from the sensitive low-voltage control signals. #### C. Connectivity and Feedback * **R-Designation (Resolver):** The "R" usually indicates an integrated interface for **Resolvers**. This part of the electronics converts analog sine/cosine signals from the motor into digital position data. * **Interface Ports:** Standardized connectors for I/O (Inputs/Outputs), Enable signals, and Error reporting. #### D. Compliance (CE Marking) * **EMC Filters:** Electronic components designed to suppress Electromagnetic Interference, ensuring the device does not disrupt other nearby electronics. * **Safety Logic:** Includes circuits for "Safe Torque Off" (STO) or similar safety protocols required for CE certification. --- ### 3. Application Use Case These units are typically found in: 1. **CNC Machinery:** Precise axis positioning. 2. **Robotic Arms:** Joint control using resolver feedback. 3. **Automated Assembly Lines:** High-speed material handling.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'R' and 'E' versions of this module?
    • ⤷ How do I troubleshoot a 'Ready' fault signal on the SVB-HD unit?
    • ⤷ What are the specific wiring requirements for the resolver interface?