データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SVB-KA-R/E

  • AI
    Based on the technical designation, the **SVB-KA-R/E** typically refers to a specialized electronic module often used in industrial automation, specifically within safety relays or monitoring systems (often associated with brands like **DOLD** or similar safety logic manufacturers). The "SVB" series generally stands for **S**icherheits-**V**erzögerungs-**B**austein (Safety Delay Module). --- ### 1. Key Electronic Components and Functions The electronic architecture of such a module is designed for **high reliability** and **fail-safe operation**. | Component Type | Function in SVB-KA-R/E | | :--- | :--- | | **Safety Relays** | Positive-guided (force-guided) contacts that ensure if one contact welds, the other remains open to prevent unsafe states. | | **Timing Circuit** | RC-networks or integrated micro-controllers that determine the "Off-delay" (R-type) or "On-delay" timing. | | **Rectifier/Power Stage** | Converts the input AC/DC voltage to internal DC logic levels (typically 24V DC). | | **LED Indicators** | Visual diagnostics for "Power On," "Input State," and "Channel Status." | | **Varistors / Suppression** | Protects internal circuitry from voltage spikes and electromagnetic interference (EMC). | --- ### 2. Technical Specifications (Standard Profile) Below are the typical electronic parameters found in the R/E variants: * **Supply Voltage:** Usually 24V DC, 110V AC, or 230V AC (depending on the specific sub-model). * **Time Delay Range:** Adjustable via a potentiometer on the front face (e.g., 0.1s to 30s). * **Contact Rating:** Typically 3A to 5A at 230V AC. * **Safety Category:** Often rated up to **Category 4 / PL e** (ISO 13849-1) depending on the wiring. --- ### 3. Suffix Deciphering The letters in the model name indicate specific electronic configurations: 1. **KA:** Refers to the terminal style (usually pluggable or screw terminals). 2. **R:** Stands for **R**ückfallverzögert (Off-delay). This means when the input signal is lost, the output remains active for a set duration before turning off. 3. **E:** Indicates **E**instellbar (Adjustable), meaning the electronics include a potentiometer for the user to set the time. --- ### 4. Wiring and Logic Diagram The electronic logic follows a dual-channel input for redundancy. ```mermaid graph LR A[Input S1/S2] --> B[Internal Logic / Timer] B --> C[Safety Relay K1] B --> D[Safety Relay K2] C & D --> E[Redundant Output Contacts] ``` ---
    ✨ Follow-up Questions
    • ⤷ How do you wire the feedback loop for this safety module?
    • ⤷ What is the difference between the R-type and the AV-type in this series?
    • ⤷ How can I test if the internal force-guided contacts are still functional?