データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SVF-4W0-R

  • AI
    The **SVF-4W0-R** is a specific electronic component typically identified as a **Radial Lead Variable Inductor** or a **Tunable RF Coil**, commonly manufactured by companies like Toko (now part of Murata) or similar specialized RF component suppliers. These parts are essential for fine-tuning circuits in radio frequency (RF) applications. --- ## 1. Core Specifications Below is a breakdown of the typical technical characteristics of the SVF series: | Parameter | Description | | :--- | :--- | | **Component Type** | Variable Inductor (Tunable Coil) | | **Package Style** | Radial Lead (Through-hole) | | **Shielding** | Usually Metal Shielded (to prevent EMI) | | **Core Material** | Ferrite or Carbonyl Iron | | **Adjustment** | Top-adjust screw (threaded core) | | **Common Frequency Range** | 30 MHz to 150 MHz (Application dependent) | --- ## 2. Internal Electronic Structure The SVF-4W0-R consists of several critical internal parts: ### A. The Winding (Coil) The "4W" in the part number often refers to the **number of turns** or a specific winding configuration. It consists of high-quality enameled copper wire wound around a non-conductive bobbin. ### B. The Threaded Ferrite Core The "Variable" aspect comes from a threaded ferrite slug. * **Tuning:** By turning the screw on top, you move the ferrite core further into or out of the center of the coil. * **Inductance Change:** Moving the core inward increases the permeability, thus increasing the inductance ($L$). Moving it out decreases the inductance. ### C. Shielding Can The component is encased in a square metal box (shield). This is grounded to the PCB to: 1. Prevent the inductor from radiating signals that interfere with other parts. 2. Protect the inductor from external electromagnetic interference (EMI). --- ## 3. Typical Applications These components are rarely found in digital logic but are vital in analog communication: * **FM Radio Receivers:** Used in the Local Oscillator (LO) or Intermediate Frequency (IF) stages. * **RF Filters:** Creating band-pass or notch filters where the center frequency must be precisely "trimmed" during manufacturing. * **Signal Generators:** Setting the resonance frequency of an LC (Inductor-Capacitor) tank circuit. --- ## 4. Schematic Representation In a circuit diagram, it is represented as an inductor symbol with an arrow through it, indicating variability. ```text L1 ---ZZZ--- / / (Variable Inductor Symbol) ``` ---
    ✨ Follow-up Questions
    • ⤷ How do I calculate the resonance frequency if I use this inductor with a 10pF capacitor?
    • ⤷ What tools are required to adjust the ferrite core without damaging it?
    • ⤷ Are there surface-mount (SMD) equivalents for the SVF series?