データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SVF-4W1-R

  • AI
    The **SVF-4W1-R** is a specific series of high-performance, conductive polymer aluminum solid electrolytic capacitors. These components are designed for high-reliability applications where low Equivalent Series Resistance (ESR) and high ripple current capability are required. --- ### 1. General Specifications Based on the standard nomenclature for the **SVF** series (typically manufactured by companies like Nippon Chemi-Con or similar high-end vendors), the technical breakdown is as follows: | Parameter | Typical Value / Description | | :--- | :--- | | **Type** | Conductive Polymer Aluminum Solid Capacitor | | **Mounting Type** | Surface Mount (SMD / V-Chip) | | **Capacitance Tolerance** | ±20% (M) | | **Operating Temperature** | -55°C to +105°C | | **Endurance** | 1,000 to 2,000 hours at 105°C | | **Compliance** | RoHS Compliant | ### 2. Part Number Breakdown (Estimated) While specific internal codes can vary by manufacturer, the string generally translates to: * **SVF:** Series name (High voltage, low ESR polymer series). * **4W:** Voltage rating (The "W" often signifies a specific voltage code, commonly associated with higher DC ratings or specific surge protections). * **1:** Capacitance identifier or case size code. * **R:** Packaging code (usually signifies "Tape and Reel"). ### 3. Key Electronic Characteristics #### A. Low ESR (Equivalent Series Resistance) Unlike standard liquid electrolyte capacitors, the polymer electrolyte in the SVF-4W1-R remains solid. This allows for extremely low resistance, which minimizes heat generation during high-frequency switching. #### B. Frequency Characteristics These parts maintain stable capacitance across a wide range of frequencies. They are far superior to standard electrolytic capacitors at filtering high-frequency noise in DC-DC converters. #### C. Thermal Stability Because there is no liquid electrolyte, the component does not suffer from "dry-out" failure. The capacitance remains stable even at sub-zero temperatures. ### 4. Typical Applications These components are found in high-stress electronic environments: * **Motherboards & Servers:** Voltage Regulator Modules (VRMs). * **Industrial Power Supplies:** Input/Output filtering for DC-DC converters. * **Telecommunications:** Base station power modules. * **Automotive Electronics:** Infotainment and driver assistance systems (when AEC-Q200 qualified). --- ### 5. Schematic Symbol & Footprint ```cpp // Common representation in PCB Design Tools Symbol: CPOL-US (Polarized Capacitor) Footprint: SMD_V-Chip_Standard Positive Terminal: Marked with a polarity stripe on the top of the can. ``` ---
    ✨ Follow-up Questions
    • ⤷What is the exact voltage rating for the '4W' code in this series?
    • ⤷ How does the ESR of the SVF-4W1-R compare to a standard Tantalum capacitor?
    • ⤷ What are the recommended reflow soldering profiles for polymer SMD capacitors?