データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SVF-DC-R

  • AI
    The **SVF-DC-R** typically refers to a specialized **DC-powered Solenoid Valve** (often used in fluid control or industrial automation systems). The nomenclature usually breaks down into "Solenoid Valve" (SV), "DC" (Direct Current), and "R" (often denoting a specific feature like a Reset function or a specific seal material). Below is an explanation of the core electronic and electromechanical components found in this part. --- ### 1. Core Electronic Components The functionality of the SVF-DC-R relies on the conversion of electrical energy into mechanical movement. | Component | Description | Function | | :--- | :--- | :--- | | **Solenoid Coil** | A copper wire winding housed in a plastic or metal casing. | Generates a magnetic field when DC voltage is applied. | | **Plunger (Armature)** | A ferromagnetic rod located inside the coil. | Moves physically to open or close the valve orifice. | | **Return Spring** | A mechanical spring coupled with the plunger. | Returns the plunger to its default position when power is cut. | | **Flyback Diode** | Often integrated into the connector/circuitry. | Protects the driving circuit from inductive voltage spikes when the coil is de-energized. | --- ### 2. Electrical Specifications While exact specs depend on the manufacturer (e.g., SMC, Parker, or local brands), these are the standard electrical parameters: * **Operating Voltage:** Commonly **12V DC** or **24V DC**. * **Power Consumption:** Typically measured in Watts (W). DC valves usually range from **2W to 10W**. * **Duty Cycle:** Most are rated for **100% ED** (Continuous Duty), meaning they can stay energized indefinitely without overheating. * **Insulation Class:** Usually **Class F** (up to 155°C) or **Class H** (up to 180°C) to protect the internal copper windings. --- ### 3. Wiring and Control The "R" designation often implies specific wiring configurations or a manual override. ```yaml Wiring_Type: Two-wire (Positive/Negative) Connection: DIN Connector or Lead Wires Polarity: - Standard DC coils are often non-polar. - If a LED indicator or Diode is present, polarity must be observed. ``` ### 4. Functional Mechanism 1. **Energization:** DC current flows through the **Solenoid Coil**. 2. **Magnetic Flux:** The coil creates a magnetic field, pulling the **Plunger** upward. 3. **Valve State Change:** The movement of the plunger opens (or closes) the fluid path. 4. **De-energization:** The magnetic field collapses; the **Return Spring** pushes the plunger back to the "Rest" position. --- ### 5. Common Applications * **Pneumatic Control:** Driving air cylinders. * **Fluid Automation:** Controlling water or chemical flow in industrial lines. * **Automotive Systems:** Fuel or emission control modules.
    ✨ Follow-up Questions
    • ⤷ What is the standard response time for a DC solenoid valve like the SVF-DC-R?
    • ⤷ How does a 'Latching' DC valve differ from a standard SVF-DC-R?
    • ⤷ What are the signs of a failing solenoid coil in this specific model?