SVF-WB-R
AI

The **SVF-WB-R** is an industrial-grade **Single-Phase Variable Frequency Drive (VFD)** specifically designed for fan and pump applications. It is part of the "SVF" series, known for being a cost-effective, compact solution for basic motor speed control.
### 1. Key Technical Specifications
The following table outlines the primary electronic parameters of the SVF-WB-R series:
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage** | 1-Phase 200V - 240V AC (+/- 15%) |
| **Output Voltage** | 3-Phase 0 - Input Voltage Level |
| **Output Frequency** | 0.00Hz to 400.00Hz |
| **Control Mode** | V/f Control (Voltage/Frequency) |
| **Overload Capacity** | 150% for 60 seconds; 180% for 3 seconds |
| **Cooling Method** | Forced Air Cooling (Heatsink + Fan) |
---
### 2. Main Electronic Components & Internal Architecture
The SVF-WB-R consists of several critical electronic sub-systems:
* **Rectifier Bridge:** Converts the incoming 230V AC (Single Phase) into a DC voltage.
* **DC Bus (Capacitor Bank):** High-voltage electrolytic capacitors that smooth the rectified DC ripple and store energy for peak loads.
* **IGBT Inverter Module:** The "heart" of the drive. It uses Insulated Gate Bipolar Transistors to switch the DC bus voltage on and off rapidly, creating a Pulse Width Modulated (PWM) wave that mimics AC for the motor.
* **Control Board (MCU):** A microprocessor that handles the PID loops, logic inputs, and protection algorithms.
---
### 3. I/O Terminals and Interfaces
The electronic interface allows for integration into automation systems via the following terminals:
* **Analog Inputs:** Typically 0-10V or 4-20mA for speed reference.
* **Digital Inputs:** Multi-function terminals for Forward/Reverse, Jog, and Multi-speed steps.
* **Relay Output:** A programmable fault relay to signal the status to a PLC or external alarm.
* **RS485 Port:** Standard Modbus RTU communication for remote monitoring and control.
---
### 4. Protection Circuitry
The device includes onboard sensors to protect both the drive and the motor from:
1. **Overcurrent:** Instantaneous trip if the motor draws too much power.
2. **Overvoltage/Undervoltage:** Monitors the DC bus levels to prevent capacitor damage.
3. **Overheat:** Thermistors mounted on the IGBT heatsink trigger a shutdown if temperatures exceed safety limits.
- ⤷
How do I wire a potentiometer to the SVF-WB-R for manual speed control?
- ⤷ Does the SVF-WB-R support Modbus RTU communication parameters?
- ⤷ What are the common error codes (like E.OC) for this specific VFD model?