データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SW16N65K

  • AI
    The **SW16N65K** is a high-voltage N-Channel Power MOSFET typically used in switching power supplies and power conversion applications. It is designed to handle high voltages and moderate currents while maintaining low on-resistance. --- ### ## Technical Specifications Below are the primary electrical characteristics for the SW16N65K: | Parameter | Symbol | Value | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 650V | | **Continuous Drain Current** | $I_D$ | 16A | | **Pulsed Drain Current** | $I_{DM}$ | 64A | | **Gate-Source Voltage** | $V_{GSS}$ | ±30V | | **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | ~0.50Ω (Max) | | **Total Gate Charge** | $Q_g$ | ~45-55 nC | | **Package Type** | Package | TO-220 / TO-220F | --- ### ## Key Features 1. **Low $R_{DS(on)}$:** The low resistance during the "on" state minimizes power dissipation in the form of heat, increasing overall efficiency. 2. **Fast Switching:** Optimized gate charge allows the device to switch between on and off states rapidly, which is critical for high-frequency converters. 3. **High Ruggedness:** Designed to withstand high energy pulses in the avalanche region (UIS - Unclamped Inductive Switching). 4. **$V_{GS}$ Threshold:** Typically falls between 2.0V and 4.0V, making it compatible with standard PWM controller ICs. --- ### ## Internal Structure & Pinout The device follows the standard three-terminal MOSFET configuration: * **Pin 1 (Gate):** Controls the flow of current between Drain and Source. * **Pin 2 (Drain):** Connected to the high-voltage load. * **Pin 3 (Source):** Usually connected to the ground or a current-sensing resistor. --- ### ## Common Applications * **Switch Mode Power Supplies (SMPS):** Used as the main switching element in AC-DC adapters. * **Uninterruptible Power Supplies (UPS):** High-voltage switching for battery-to-AC conversion. * **LED Drivers:** Power regulation for high-brightness lighting systems. * **PFC (Power Factor Correction):** Improving the efficiency of power delivery in industrial equipment. --- ### ## Thermal Considerations Because this MOSFET handles 16A at high voltages, heat management is critical. When using the **TO-220** version, a heatsink is mandatory. If using the **TO-220F** (Fully isolated) version, note that the thermal resistance ($R_{thJC}$) is higher, meaning it cannot dissipate heat as effectively as the non-isolated version despite being safer for mounting.
    ✨ Follow-up Questions
    • What are the direct equivalents or crosses for the SW16N65K?
    • How do I calculate the power dissipation for this MOSFET in a switching circuit?
    • What is the difference between the TO-220 and TO-220F versions regarding heat dissipation?