データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SWC63I-R15K

  • AI
    The **SWC63I-R15K** is a high-performance **Wire-Wound Surface Mount Inductor**, typically utilized in power management circuits. It belongs to a category of high-current power inductors designed for compact electronic assemblies. --- ### 1. Technical Specifications The part number follows a standard nomenclature used by manufacturers (like Signal Transformer or Bel Group). Below are the typical technical parameters for this component: | Parameter | Value/Description | | :--- | :--- | | **Inductance** | 0.15 µH (indicated by "R15") | | **Tolerance** | ±10% (indicated by "K") | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Construction** | Wire-wound with a ferrite core | | **Shielding** | Usually unshielded (allows for higher saturation currents) | | **Application** | DC-DC Converters, VRM modules, High-frequency power supplies | --- ### 2. Key Component Features * **Low DC Resistance (DCR):** The wire-wound design ensures that the internal resistance is kept to a minimum, reducing power loss through heat. * **High Saturation Current:** Because it uses a robust core material, it can handle significant current spikes without the inductance dropping off sharply (magnetic saturation). * **Compact Footprint:** The "63" in the series name usually refers to the physical dimensions (approximately 6mm x 6mm base), making it suitable for high-density PCB layouts. --- ### 3. Circuit Symbols and Implementation In an electronic schematic, the SWC63I-R15K is represented by the standard inductor symbol. ```circuit L1 (0.15uH) ----(UUUUU)---- SWC63I-R15K ``` #### Typical Use Case: Buck Converter In a Step-Down (Buck) converter, this inductor acts as the **energy storage element**. It smooths the switched current to provide a steady DC output to the load. --- ### 4. Part Number Breakdown * **SWC:** Series identifier (Indicates the manufacturer's specific SMD wire-wound series). * **63:** Dimensional code (6.0mm width/length class). * **I:** Usually denotes the height or a specific material revision. * **R15:** Resistance/Inductance value. "R" acts as the decimal point ($0.15$). * **K:** Tolerance code ($K = \pm 10\%$).
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the SWC63I-R15K?
    • ⤷ How does an unshielded inductor compare to a shielded one in terms of EMI?
    • ⤷ Can this inductor be used in high-frequency RF applications?