データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SWF1608CF-R10K

  • AI
    The **SWF1608CF-R10K** is a high-frequency wire-wound chip inductor commonly used in RF (Radio Frequency) and communication circuits. Below is a detailed technical breakdown of this electronic component. ### 1. General Specifications The part number follows a standard industry nomenclature. Here is the breakdown of the specifications: | Parameter | Value | Description | | :--- | :--- | :--- | | **Inductance** | 0.10 µH (100 nH) | "R10" indicates the decimal point (0.10) | | **Tolerance** | ±10% | Denoted by the "K" at the end | | **Case Size** | 1608 (Metric) / 0603 (Imperial) | Dimensions: 1.6mm x 0.8mm | | **Core Material** | Ceramic | High Q-factor and high self-resonant frequency | | **Mounting Type** | SMD/SMT | Surface Mount Device | --- ### 2. Electrical Characteristics These parts are designed for precision performance in high-frequency environments. * **High Q Factor:** Because it is a wire-wound inductor with a ceramic core, it maintains a high Quality (Q) factor, ensuring low signal loss. * **SRF (Self-Resonant Frequency):** Typically in the GHz range, making it suitable for high-frequency filtering. * **DC Resistance (DCR):** Relatively low to minimize power dissipation and heat. * **Rated Current:** Usually ranges between 200mA to 700mA depending on the specific manufacturer’s heat dissipation rating. --- ### 3. Construction and Materials The **SWF** series (Small-sized Wire-wound Ferrite/Ceramic) utilizes specific construction techniques: 1. **Wire-Winding:** Unlike multilayer inductors, the wire is physically wound around a core. This results in much higher current handling and better stability. 2. **Ceramic Core:** The "CF" often denotes a Ceramic substrate. Ceramic is non-magnetic, which allows for higher SRF compared to ferrite cores. 3. **Encapsulation:** The winding is often protected by a clear or opaque resin to ensure physical durability during automated pick-and-place assembly. --- ### 4. Typical Applications The SWF1608CF-R10K is primarily found in devices requiring wireless connectivity: * **Mobile Communication:** Impedance matching in smartphones and tablets. * **Bluetooth/Wi-Fi Modules:** Used in LC filter circuits to suppress noise. * **RF Amplifiers:** Acting as a choke or a tuning component. * **VCOs:** Used in Voltage Controlled Oscillators for frequency stabilization. --- ### 5. Part Number Decoding Table | Code Segment | Meaning | Detail | | :--- | :--- | :--- | | **SWF** | Series Name | Small-sized Wire-wound inductor | | **1608** | Dimensions | 1.6mm x 0.8mm (L x W) | | **CF** | Core Material | Ceramic / High Frequency | | **R10** | Inductance | 0.10 Microhenries (100nH) | | **K** | Tolerance | ±10% |
    ✨ Follow-up Questions
    • ⤷What is the difference between ceramic and ferrite core inductors?
    • ⤷ Can this inductor be used for power supply filtering?
    • ⤷ How does the Q factor impact RF circuit performance?