データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SWF1608CF-R47K

  • AI
    The **SWF1608CF-R47K** is a surface-mount (SMD) wire-wound chip inductor designed primarily for high-frequency applications and power management in compact electronic devices. --- ## 1. Part Number Deciphering To understand the component, we can break down its alphanumeric code: | Segment | Meaning | Specification | | :--- | :--- | :--- | | **SWF** | Series Code | Ferrite Core Wire-wound Inductor | | **1608** | Case Size | 1.6mm x 0.8mm (EIA 0603) | | **CF** | Material/Type | Standard characteristic / Lead-free | | **R47** | Inductance Value | 0.47 µH (microhenries) | | **K** | Tolerance | ±10% | --- ## 2. Technical Specifications Below are the typical electrical characteristics for this class of component: ### Electrical Properties * **Inductance:** 0.47 µH * **Tolerance:** ±10% (K) * **DC Resistance (DCR):** Usually ranges between 0.15Ω to 0.30Ω (varies by manufacturer). * **Rated Current:** Typically between 300mA and 600mA (Saturation/Temperature rise current). * **Self-Resonant Frequency (SRF):** High SRF, making it suitable for high-frequency signal filtering. ### Physical Characteristics * **Construction:** Wire wound around a ferrite core. This provides higher Q-factors and higher current handling than multilayer inductors. * **Package size:** 0603 (Imperial) or 1608 (Metric). * **Termination:** Tin-plated electrodes for standard reflow soldering. --- ## 3. Key Applications The SWF series is versatile but excels in these areas: 1. **RF Circuits:** Used in impedance matching and resonance circuits for mobile phones and Wi-Fi modules. 2. **Power Decoupling:** Filtering high-frequency noise in DC-DC converter circuits. 3. **Signal Lines:** Maintaining signal integrity in high-speed data transmission lines. --- ## 4. Key Advantages * **Compact Footprint:** The 0603 size allows for high-density PCB mounting. * **Low DCR:** Efficient energy transfer with minimal heat generation. * **High Stability:** Ferrite core construction ensures stable inductance across a range of operating temperatures.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between wire-wound and multilayer inductors?
    • ⤷ How does the 'K' tolerance affect circuit performance in RF applications?
    • ⤷ What is the maximum operating temperature for the SWF1608 series?