データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SWF1608LF-R18K

  • AI
    The **SWF1608LF-R18K** is a surface-mount (SMD) wire-wound chip inductor. It is commonly used in high-frequency applications, RF circuits, and telecommunications equipment. ### 1. Component Specifications The part number follows a standard nomenclature used by manufacturers like **Samwha** or similar magnetic component producers. | Parameter | Specification | Details | | :--- | :--- | :--- | | **Inductance** | 0.18 µH (180 nH) | Denoted by "R18" | | **Tolerance** | ±10% | Denoted by "K" | | **Case Size** | 1608 (Metric) / 0603 (Inch) | 1.6mm x 0.8mm footprint | | **Construction** | Wire-wound | Offers higher Q factors and current handling | | **Feature** | LF (Lead-Free) | RoHS compliant | --- ### 2. Breakdown of the Part Number To understand similar components, here is the functional breakdown of the code: 1. **SWF**: Series identifier (typically Wire-wound Ferrite or Signal Inductor). 2. **1608**: Physical dimensions (1.6mm length, 0.8mm width). 3. **LF**: Lead-Free / Environmental compliance. 4. **R18**: Inductance value. The "R" acts as a decimal point (0.18). 5. **K**: Tolerance code (K = ±10%, J = ±5%, M = ±20%). --- ### 3. Key Electronic Characteristics Wire-wound inductors like the SWF1608 series have specific advantages over multilayer ceramic inductors: * **High Q Factor:** Because it uses actual copper wire coiled around a core, it has lower DC resistance (DCR) and a higher Quality (Q) factor, making it efficient for resonant circuits. * **Current Handling:** It can typically handle higher saturation currents compared to multilayer chips of the same size. * **SRF (Self-Resonant Frequency):** Designed to maintain inductance stability up to several hundred MHz. ### 4. Common Applications * **RF Matching:** Used in the matching networks of antennas for smartphones and Wi-Fi modules. * **Filtering:** High-frequency noise suppression in power lines or signal paths. * **Oscillators:** Part of LC circuits used to generate specific frequencies. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the SWF1608LF-R18K?
    • ⤷ How does a wire-wound inductor differ from a multilayer inductor in RF circuits?
    • ⤷ What are the soldering temperature profiles for this 0603 package?