データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • T-13G-R

  • AI
    The **T-13G-R** typically refers to a high-speed, high-performance **Optical Receiver Module** (often associated with TO-CAN packaging or ROSA - Receiver Optical Sub-Assembly). These components are critical in fiber-optic communication systems for converting light signals back into electrical signals. --- ### 1. Key Electronic Components The T-13G-R is not a single part but an assembly of several sophisticated electronic and photonic elements: | Component | Function | | :--- | :--- | | **InGaAs PIN Photodiode** | The primary sensor that detects infrared light (usually 1310nm or 1550nm) and converts photons into a weak electrical current. | | **Transimpedance Amplifier (TIA)** | An integrated circuit that converts the low-level current from the photodiode into a usable differential voltage signal. | | **Capacitors (Bypass/Decoupling)** | Internal SMD capacitors used to filter noise from the power supply and stabilize the TIA performance. | | **Resistors** | Used for impedance matching (usually 50 ohms) to ensure signal integrity during high-speed data transfer. | | **Flexible Printed Circuit (FPC)** | Often used to connect the TO-can pins to the main PCB, minimizing inductance at high frequencies. | --- ### 2. Technical Specifications The "13G" in the part number usually signifies its capability to handle data rates up to **13 Gbps**, making it suitable for 10G Ethernet and Fibre Channel applications. * **Wavelength Range:** Typically 1260nm to 1620nm. * **Data Rate:** Optimized for 10.3 Gbps to 12.5 Gbps. * **Supply Voltage:** Generally operates at 3.3V. * **Package Type:** TO-46 or TO-56 "can" style, often with a LC or SC receptacle. --- ### 3. Functional Diagram Logic The signal flow within the T-13G-R follows this electronic path: 1. **Optical Input:** Fiber optic cable delivers light pulses. 2. **Conversion:** The **Photodiode** generates a current ($I_{pd}$) proportional to light intensity. 3. **Amplification:** The **TIA** scales this current into a voltage ($V_{out}$). 4. **Differential Output:** To reduce EMI (Electromagnetic Interference), the signal is output as a differential pair ($D+$ and $D-$). --- ### 4. Typical Applications * **SFP+ Transceivers:** The receiver side of 10G optical modules. * **FTTH (Fiber to the Home):** High-speed broadband gateways. * **Data Centers:** Inter-switch links and high-speed storage networking.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a PIN photodiode and an APD in these modules?
    • ⤷ How does the TIA affect the sensitivity of the T-13G-R?
    • ⤷ What are the common pinout configurations for TO-CAN receivers?