データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • T-212-R

  • AI
    The **T-212-R** typically refers to a high-power, industrial-grade **triode vacuum tube**, often used in radio frequency (RF) heating, induction heating, and broadcasting applications. Below is an overview of its electronic characteristics and specifications. --- ### 1. General Specifications The T-212-R is a water-cooled or forced-air-cooled power triode designed for heavy-duty oscillation and amplification. | Parameter | Typical Value / Description | | :--- | :--- | | **Filament Voltage** | 10.0 V - 12.0 V | | **Filament Current** | 70 A - 85 A (approximate) | | **Amplification Factor** | ~40 - 50 | | **Maximum Plate Dissipation** | 10 kW - 20 kW (depending on cooling) | | **Anode Voltage (DC)** | Up to 12 kV | | **Cooling Method** | Water-cooled (R-series denotes Radiator/Cooling) | --- ### 2. Key Electronic Components & Construction #### A. The Filament (Cathode) * **Material:** Thoriated Tungsten. * **Function:** Provides the electron emission through thermionic emission. * **Note:** High current is required to heat the large surface area necessary for high power output. #### B. The Grid * **Structure:** Usually a mesh or helical winding. * **Function:** Controls the flow of electrons from the filament to the anode. In RF heating applications, it is often used in a Class C amplifier configuration for high efficiency. #### C. The Anode (Plate) * **Structure:** Large copper external surface. * **Function:** Collects the electrons. Because it generates immense heat during operation, the "R" suffix indicates a design optimized for a cooling jacket (usually water) or a radiator for forced air. --- ### 3. Application Areas 1. **Industrial RF Heating:** Used in plastic welding, wood drying, and semiconductor processing. 2. **Induction Heating:** Used for hardening, forging, and melting metals by generating high-frequency electromagnetic fields. 3. **AM/FM Broadcasting:** Historically used in high-power transmitters for signal amplification. --- ### 4. Typical Operating Circuit In most industrial setups, the T-212-R is configured as a **Hartley or Colpitts Oscillator**. ```mermaid graph LR A[Power Supply 10kV] --> B[Anode T-212-R] C[Tank Circuit L/C] --- B D[Grid Feedback] --- C E[Filament Transformer] --> F[Cathode] ``` --- ### 5. Maintenance and Safety Warnings * **X-Ray Hazard:** When operated at voltages above 10kV, vacuum tubes can emit X-rays. Proper shielding is required. * **Cooling Interlocks:** The tube will be destroyed in seconds if the water flow or air cooling fails while the plate voltage is applied. * **Handling:** Thoriated tungsten filaments are brittle; the tube must be protected from mechanical shock.
    ✨ Follow-up Questions
    • ⤷ What are the specific water flow requirements for cooling a T-212-R?
    • ⤷ How does the T-212-R compare to modern solid-state RF generators?
    • ⤷ What are the common failure modes for this specific power triode?