データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • T-266-R

  • AI
    The **T-266-R** is a specific model of an **isolation transformer** or **impedance matching transformer**, frequently used in telecommunications, audio signal processing, and historical radio equipment. These components are designed to transfer electrical energy between circuits while keeping them electrically isolated. --- ### 1. Key Electronic Components & Specifications The T-266-R is defined by several critical electronic parameters that determine its performance: | Feature | Description | Typical Value/Type | | :--- | :--- | :--- | | **Core Material** | Laminated Silicon Steel or Ferrite | High Permeability | | **Winding Ratio** | Ratio of primary turns to secondary turns | 1:1 or 1:CT (Center Tapped) | | **Impedance** | AC resistance at specific frequencies | Often 600Ω to 600Ω (standard) | | **Isolation Voltage** | The dielectric strength between windings | Typically 500V - 1500V DC | | **Frequency Response** | The range of signals it can pass | 300Hz - 3.5kHz (Voice Grade) | --- ### 2. Physical Construction The T-266-R consists of the following internal "parts": 1. **Primary Winding:** The input coil where the initial signal enters. It creates a magnetic field. 2. **Secondary Winding:** The output coil where the signal is "induced" via electromagnetic induction. 3. **The Core:** A series of metal plates or a solid ceramic block that guides the magnetic flux from the primary to the secondary winding. 4. **Enclosure/Shielding:** Often housed in a metal "can" (mu-metal) to prevent electromagnetic interference (EMI) from leaking out or entering the circuit. 5. **Terminals/Pins:** Usually 4 to 6 pins on the bottom for PCB mounting or soldering. --- ### 3. Functional Role in a Circuit Electronic systems use the T-266-R for three primary reasons: * **Galvanic Isolation:** It breaks the direct physical connection between two circuits. This prevents "ground loops" (hum/noise) and protects sensitive digital components from high-voltage surges on the line. * **Impedance Matching:** It ensures that the output impedance of a source matches the input impedance of a load, maximizing power transfer and preventing signal reflection. * **Signal Balancing:** It can convert an "unbalanced" signal (one wire + ground) into a "balanced" signal (two wires + ground), which is much more resistant to noise over long distances. --- ### 4. Technical Pinout Example While specific manufacturers vary, a standard T-series transformer pinout usually follows this logic: ```markdown Input (Primary) Output (Secondary) [ Pin 1 ] --( Coil )-- [ Pin 2 ] [ Pin 3 ] --( Coil )-- [ Pin 4 ] (Optional Center Tap on Pin 5/6) ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific impedance ratings for the T-266-R model?
    • ⤷ Can the T-266-R be used for high-frequency data transmission or only voice?
    • ⤷ How do I test a T-266-R transformer using a multimeter?