データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • T-36-R

  • AI
    The **T-36-R** typically refers to a high-capacity, heavy-duty industrial or commercial refrigeration relay or temperature control component (often associated with brands like **True Manufacturing** or specific HVAC/R electrical parts). Below is a breakdown of the electronic components and technical specifications associated with this type of equipment. ### 1. Core Electronic Components Industrial refrigeration units like the T-36-R rely on a specific ecosystem of parts to manage cooling cycles and safety. | Component | Function | Description | | :--- | :--- | :--- | | **Electronic Controller** | Brain of the unit | Manages defrost cycles, set points, and compressor signals. | | **Relay/Contactor** | Power switching | Handles the high-current draw required to start the compressor. | | **Capacitors** | Motor Starting | Includes "Start" and "Run" capacitors to provide the necessary torque for the motors. | | **Evaporator Fan Motor** | Air Circulation | Often an ECM (Electronically Commutated Motor) for high efficiency. | | **Thermostat/NTC Sensor** | Temperature Sensing | Provides resistance-based feedback to the controller regarding cabinet temperature. | --- ### 2. Technical Specifications (Electrical) Most units in the T-36-R category operate under these standard electrical parameters: * **Voltage:** 115V or 208-230V (depending on the specific compressor configuration). * **Amperage:** Typically ranges from 4.5A to 9.0A during operation. * **Frequency:** 60Hz (Standard North American). * **Plug Type:** NEMA 5-15P (for 115V models). --- ### 3. Wiring Logic The electronic system follows a specific sequence of operation: 1. **Input:** The NTC Sensor sends a signal to the **Control Board**. 2. **Processing:** If the temperature is above the set point, the board activates the **Compressor Relay**. 3. **Output:** Power is sent to the **Condenser Fan** and **Compressor**. 4. **Defrost:** At timed intervals, the controller cuts power to the compressor and may activate a heater or simply keep the fans running to melt frost. --- ### 4. Common Troubleshooting for Electronic Parts If the T-36-R fails, the following electronic checks are usually performed: ```python # Pseudo-code logic for Electronic Controller Diagnostic if temperature_sensor == "Open Circuit": trigger_alarm("Error E1: Sensor Failure") elif compressor_relay == "Closed" and compressor_draw == 0: trigger_alarm("Error E2: Start Capacitor or Compressor Failure") else: maintain_cooling_cycle() ``` 1. **Relay Chattering:** Usually indicates a voltage drop or a failing capacitor. 2. **Blank Display:** Indicates a failure in the transformer or the main control board power supply. 3. **Continuous Running:** Often a stuck relay or a shorted temperature probe.
    ✨ Follow-up Questions
    • ⤷ How do I test the start capacitor on a T-36-R unit?
    • ⤷ What are the specific resistance values for the T-36-R temperature sensors?
    • ⤷ Can the electronic controller be bypassed for emergency cooling?