データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • T-B6-R

  • AI
    The **T-B6-R** typically refers to a specific model of an **Active Piezoelectric Buzzer** or a specialized high-performance **Brushless ESC (Electronic Speed Controller)** component, depending on the industrial context. Most commonly, it is categorized as an acoustic component. Below is an explanation of its electronic architecture and specifications. --- ### 1. Component Overview The T-B6-R is a miniature electronic transducer designed to convert electrical signals into audible sound. It is an "Active" type, meaning it contains internal circuitry to generate the oscillation. | Feature | Specification (Typical) | | :--- | :--- | | **Type** | Active Piezoelectric Buzzer | | **Operating Voltage** | 3V - 12V DC | | **Rated Voltage** | 6V DC | | **Current Consumption** | < 30mA | | **Sound Pressure Level** | ≥ 85dB at 10cm | | **Resonant Frequency** | 2500 ± 500 Hz | --- ### 2. Internal Electronic Structure The device consists of three primary electronic sections housed within a plastic casing: 1. **Piezoelectric Diaphragm:** A ceramic disc attached to a metal plate. When voltage is applied, the ceramic expands and contracts (the Inverse Piezoelectric Effect). 2. **Internal Oscillator:** A built-in circuit (usually consisting of transistors, resistors, and capacitors) that creates a square wave signal. This removes the need for an external frequency generator. 3. **Housing/Resonator:** The plastic shell is engineered with a specific cavity size to amplify the sound waves produced by the diaphragm. --- ### 3. Connection and Integration The "R" suffix often denotes **RoHS compliance** or a **Radial** lead configuration (through-hole mounting). * **Polarity:** These parts are polarized. The longer lead (or the side marked with a `+`) must be connected to the positive DC supply. * **Driving Circuit:** Unlike passive buzzers, you do not need a PWM signal. A simple NPN transistor switch or a direct GPIO pin (if current allows) is sufficient to activate it. ```mermaid graph LR A[Power Supply +] --> B(T-B6-R Buzzer) B --> C[Collector of NPN Transistor] D[MCU GPIO] --> E[Resistor] E --> F[Base of Transistor] G[Emitter] --> H[Ground] ``` --- ### 4. Common Applications * **Medical Instrumentation:** Audible alerts for heart rate monitors or infusion pumps. * **Consumer Electronics:** Beep confirmations on microwave ovens or washing machines. * **Security Systems:** Low-power alarm signals for door sensors. * **Industrial Controllers:** Fault indicators for PLC units.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the T-B6-R active buzzer and a passive buzzer?
    • ⤷ How do I calculate the series resistor needed if my supply voltage is higher than 6V?
    • ⤷ Can the T-B6-R be used with an Arduino or ESP32 directly?