データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • T-T1-R

  • AI
    The **T-T1-R** (often associated with the LILYGO® T-T1-R series) is a compact, low-power development board based on the **ESP32-S3** microcontroller. It is designed for IoT applications requiring wireless connectivity and specific peripheral control. Below is a breakdown of the key electronic components and specifications. ### 1. Core Microcontroller (MCU) The heart of the board is the ESP32-S3 chip, which provides a balance of performance and efficiency. | Component | Specification | | :--- | :--- | | **Processor** | Xtensa® Dual-Core 32-bit LX7 | | **Clock Frequency** | Up to 240 MHz | | **SRAM** | 512 KB | | **ROM** | 384 KB | | **Wireless** | 2.4 GHz Wi-Fi & Bluetooth 5 (LE) | --- ### 2. Storage and Memory To handle complex firmware and data logging, the board typically includes external memory chips. * **Flash Memory:** Usually 4MB to 16MB (used for code storage). * **PSRAM:** Usually 2MB to 8MB (used for memory-intensive tasks like image processing or audio). --- ### 3. Power Management System The T-T1-R is optimized for battery-powered operations, featuring a robust power circuit. * **USB Controller:** Features a **USB Type-C** interface for programming and power. * **Voltage Regulator:** Converts 5V (USB) or 3.7V (Battery) to the 3.3V required by the MCU. * **Battery Charger:** Integrated IC (e.g., TP4054 or similar) for charging Lithium-Polymer batteries. * **Deep Sleep Support:** Optimized low-current consumption for long-term remote sensing. --- ### 4. Peripherals and Connectivity The board is equipped with several hardware interfaces to interact with sensors and displays. | Interface Type | Purpose | | :--- | :--- | | **I2C / SPI** | Connecting displays (OLED/LCD) and environmental sensors. | | **UART** | Serial communication for debugging. | | **GPIOs** | General-purpose pins for PWM, ADC (Analog to Digital), and DAC. | | **Antenna** | Integrated PCB antenna or IPEX connector for external antenna range extension. | --- ### 5. Physical Layout Characteristics * **Form Factor:** Compact "Stamp" or "Stick" design. * **Buttons:** Usually features a **Reset** button and a **Boot** button (sometimes user-programmable). * **LEDs:** On-board power indicator and a programmable RGB or status LED. --- ### Programming Environment The T-T1-R is compatible with modern development platforms: ```cpp // Example: Basic initialization in Arduino IDE void setup() { Serial.begin(115200); Serial.println("T-T1-R Initialized..."); } void loop() { // Application logic here } ```
    ✨ Follow-up Questions
    • ⤷What are the pinout differences between the T-T1-R and standard ESP32 boards?
    • ⤷ How do I configure the T-T1-R for low-power deep sleep mode?
    • ⤷ Which display drivers are compatible with the T-T1-R board?