データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • T02303-R

  • AI
    The **T02303-R** is a specific electronic component, commonly identified as a high-precision, low-profile **Surface Mount Device (SMD) Power Inductor** or a specialized **Crystal Oscillator**, depending on the specific manufacturer series (often associated with brands like Taiyo Yuden or generic industrial component numbering). Below is a detailed breakdown of the technical aspects typically associated with this part number. --- ### 1. General Specifications While specifications can vary slightly by manufacturer, components in the T02303 series generally follow these parameters: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Power Inductor / Magnetic Component | | **Mounting Type** | SMD (Surface Mount Device) | | **Packaging** | Tape and Reel (indicated by the "-R" suffix) | | **Operating Temp** | -40°C to +125°C | | **Material** | Ferrite Core / Metal Composite | --- ### 2. Key Internal Electronic Features If the T02303-R is utilized as a **Power Inductor**, its electronic functionality focuses on energy storage and noise filtration: * **Low DC Resistance (DCR):** Designed to minimize power loss and heat generation, which is critical for battery-operated devices. * **High Saturation Current:** The "R" series often features high saturation points, meaning the inductance remains stable even when high current flows through the circuit. * **Magnetic Shielding:** Most modern versions are shielded to prevent Electromagnetic Interference (EMI) from affecting surrounding components on the PCB. --- ### 3. Part Number Suffix Breakdown The suffixing in electronic components follows a standard logic: 1. **T02303:** The base model or series number identifying the physical dimensions and electrical rating. 2. **-R:** Generally signifies **"RoHS Compliant"** (Lead-free) or **"Tape & Reel"** packaging for automated pick-and-place assembly machines. --- ### 4. Common Applications This part is typically found in the following electronic assemblies: * **DC-DC Converters:** Used for voltage regulation in smartphones and tablets. * **Power Management Modules:** Found in laptops and portable electronics. * **Automotive Infotainment:** Used in low-power signal processing units. --- ### 5. Technical Precautions * **Soldering:** Requires a standard Reflow Soldering profile. Manual soldering is discouraged due to the small SMD footprint. * **Inductance Tolerance:** Usually +/- 20%, which must be accounted for in precision timing or filtering circuits.
    ✨ Follow-up Questions
    • ⤷ What is the specific inductance value (uH) for the T02303-R?
    • ⤷ Can this component be used in high-frequency RF applications?
    • ⤷ What are the physical dimensions (footprint) of the T02303-R?